Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8903 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 14Page - STMicroelectronics PM8903 Datasheet HTML 15Page - STMicroelectronics PM8903 Datasheet HTML 16Page - STMicroelectronics PM8903 Datasheet HTML 17Page - STMicroelectronics PM8903 Datasheet HTML 18Page - STMicroelectronics PM8903 Datasheet HTML 19Page - STMicroelectronics PM8903 Datasheet HTML 20Page - STMicroelectronics PM8903 Datasheet HTML 21Page - STMicroelectronics PM8903 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Device description
PM8903
18/34
Doc ID 022748 Rev 1
Caution:
Do not connect together the synchronization pin of two master devices in order to avoid any
damage to the ICs.
When two PM8903s are synchronized together they act as follows:
Master mode
The SYNCH pin is configured as clock output. The device provides, on the SYNCH pin,
its internal switching clock information with a 180 ° time shifting.
Slave mode
The SYNCH pin is configured as clock input. The device uses the clock information
received on the SYNCH pin to synchronize its internal switching clock.
5.7
Pulse-skipping
The PM8903 implements an ST proprietary adaptive pulse-skipping algorithm which
requires no configuration by the user and is independent from application setup and
parasites.
The algorithm allows to strongly increase the overall system efficiency skipping some
switching cycles (so reducing the equivalent switching frequency of the converter) when the
load current is low.
In many applications, MLCCs (multi layer ceramic capacitors) are used as the input or
output filter, or both. MLCCs can produce audible noise if the switching frequency is in the
human hearing range. To avoid audible noise, the PM8903 pulse-skipping algorithm limits
the minimum equivalent switching frequency above the audio band.
Pulse-skipping mode is enabled connecting a resistor between the PSKIP/MS pin and
ground, and selects the resistor value according to
Table 7.
5.8
Multifunction pin PSKIP/MS
With this pin it is possible to:
enable/disable the pulse-skipping management
assign to the IC master or slave status
select the switching frequency
Connect a resistor (RPM) between the PSKIP/MS pin and GND in order to set the IC
functionality according to
Table 7.
Table 7.
PSKIP/MS pin configuration
RPM
Pulse-skipping
Synch mode
Switching frequency
0
Ω
Disabled
Slave
1.1 MHz
24 k
Ω
Enabled
Slave
1.1 MHz
56 k
Ω
Disabled
Slave
0.8 MHz
110 k
Ω
Disabled
Master
1.0 MHz
180 k
Ω
Enabled
Master
1.1 MHz
240 k
Ω
(or pin floating)
Disabled
Master
1.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com