Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3G2805R2SCKA Datasheet(PDF) 4 Page - International Rectifier

Part # M3G2805R2SCKA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G2805R2SCKA Datasheet(HTML) 4 Page - International Rectifier

  M3G2805R2SCKA Datasheet HTML 1Page - International Rectifier M3G2805R2SCKA Datasheet HTML 2Page - International Rectifier M3G2805R2SCKA Datasheet HTML 3Page - International Rectifier M3G2805R2SCKA Datasheet HTML 4Page - International Rectifier M3G2805R2SCKA Datasheet HTML 5Page - International Rectifier M3G2805R2SCKA Datasheet HTML 6Page - International Rectifier M3G2805R2SCKA Datasheet HTML 7Page - International Rectifier M3G2805R2SCKA Datasheet HTML 8Page - International Rectifier M3G2805R2SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.irf.com
M3G-SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics ( continued )
For Notes to Specifications, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input current ( IIN )
1,2,3
IOUT = 0, Pin 3 open
40
80
mA
Pin 3 shorted to pin 2
2.0
5.0
Switching frequency ( FS )
1,2,3
Sync. Input (Pin 4) open
450
500
550
KHz
Output ripple ( VRIP )
M3G2803R3S
M3G2805S
M3G2805R2S
M3G2812S
M3G2815S
M3G2805D
M3G2807D
M3G2812D
M3G2815D
1,2,3
IOUT = 100% rated load
Notes 4, 6
15
20
25
25
25
20
25
30
30
35
50
50
60
80
50
55
60
60
mV p-p
Efficiency ( EFF )
M3G2803R3S
M3G2805S
M3G2805R2S
M3G2812S
M3G2815S
M3G2805D
M3G2807D
M3G2812D
M3G2815D
1
IOUT = 100% rated load
Note 4
68
75
75
75
77
75
75
76
77
72
77
77
78
80
78
78
79
80
%
Inhibit Input
open circuit voltage
drive current ( sink )
voltage range
Note 1
3.0
-0.5
5.0
100
50
V
µA
V
Synchronization Input
frequency range
pulse high level
pulse low level
pulse transition time
pulse duty cycle
Ext. Clock on Sync. Input (Pin 4)
Note 1
450
4.0
-0.5
40
20
600
10.0
0.5
80
KHz
V
V
V/
µs
%
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
Vout = 90% of Nominal,
Note 4
125
135
%
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 8
14
20
W
Output response to
step load changes (VTLD)
4,5,6
Half Load to/from Full Load,
Notes 4, 9
-300
300
mV pk
Recovery time,
step load changes (TTLD)
4,5,6
Half Load to/from Full Load,
Notes 4, 9,10
50
200
µs
Output response to
step line changes (VTLN)
18V to/from 50V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery time,
step line changes (TTLN)
18V to/from 50V
IOUT = 100% rated load, Notes 1,4,10,11
50
200
µs
Turn-on Response
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
No Load, Full Load
Notes 4,12
1.0
10
5.0
%
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com