Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3G2805R2SCKA Datasheet(PDF) 12 Page - International Rectifier

Part # M3G2805R2SCKA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G2805R2SCKA Datasheet(HTML) 12 Page - International Rectifier

Back Button M3G2805R2SCKA Datasheet HTML 7Page - International Rectifier M3G2805R2SCKA Datasheet HTML 8Page - International Rectifier M3G2805R2SCKA Datasheet HTML 9Page - International Rectifier M3G2805R2SCKA Datasheet HTML 10Page - International Rectifier M3G2805R2SCKA Datasheet HTML 11Page - International Rectifier M3G2805R2SCKA Datasheet HTML 12Page - International Rectifier M3G2805R2SCKA Datasheet HTML 13Page - International Rectifier M3G2805R2SCKA Datasheet HTML 14Page - International Rectifier M3G2805R2SCKA Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
www.irf.com
M3G-SERIES
(28V Input, Single/Dual Output)
For M3GXX03R3S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 3.513
< VOUT < 3.630
Using the configuration of Fig 9 and where RADJ is in Ohms and 3.300
< VOUT < 3.513
For M3GXX05S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 5.250
< VOUT < 5.500
Using the configuration of Fig 9 and where RADJ is in Ohms and 5.500
< VOUT < 5.250
For M3GXX15S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 15.315
< VOUT < 16.500
Using the configuration of Fig 9 and where RADJ is in Ohms and 15.000
< VOUT < 15.315
For M3GXX12S:
Using the configuration of Fig 8 and where RADJ is in Ohms and 12.312
< VOUT < 13.200
Using the configuration of Fig 9 and where RADJ is in Ohms and 12.000
< VOUT < 12.312
513
.
3
495
−
=
OUT
ADJ
V
R
()
()
OUT
OUT
ADJ
V
V
R
−
−
=
513
.
3
300
.
3
150
25
.
5
750
−
=
OUT
ADJ
V
R
()
()
OUT
OUT
ADJ
V
V
R
−
−
=
250
.
5
000
.
5
150
312
.
12
1800
−
=
OUT
ADJ
V
R
()
()
OUT
OUT
ADJ
V
V
R
−
−
=
312
.
12
000
.
12
150
315
.
15
2250
−
=
OUT
ADJ
V
R
()
()
OUT
OUT
ADJ
V
V
R
−
−
=
315
.
15
000
.
15
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com