Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM20057ABRG Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LM20057ABRG
Description  2.00 inch 5x7 Dual Color Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM20057ABRG Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM20057ABRG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM20057ABRG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM20057ABRG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121827
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch 5x7 Dual Color Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
LM20057A/BRG Electrical Characteristics
[1]
Absolute Maximum Ratings
[1]
VF(V)
@ IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
(uA)
Power
Dissipation
(mW)
DC Forward
Current
(mA)
Peak
Forward
Current
[3]
(mA)
Reverse
Voltage
(V)
Super Red
1.8
2.2
30
60
25
100
5
Green
2.2
2.5
30
80
30
100
5
Ultra Red
1.9
2.6
30
60
30
100
Ultra Green
2.1
2.6
300
75
30
100
5
Operating/ Storage Temp.: -40 to +80 deg.;
Lead Solder Temp.: 260 deg. for 3-5 Sec. 2mm below package base
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com