Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM20057ABRG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LM20057ABRG
Description  2.00 inch 5x7 Dual Color Dot Matrix LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM20057ABRG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM20057ABRG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM20057ABRG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM20057ABRG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121827
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057A/BRG Series – 2.00 inch 5x7 Dual Color Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
53.10 mm (2.00 inch) digit high
Dot size: Diameter 5.00 mm
Pitch: 7.62 mm
Wide viewing angle
Emitted colors: red and green
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face
Both CC and CA versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
PIN 1
1
38.10
2.54*9=22.86
37.80
7.62*4=30.48
2
3
4
5
6
7
2
1
COL.
5
ROW
4
3
0.60
5.0
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LM20057ABRG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LM20057ABRG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-757HR LITEON-LTP-757HR Datasheet
991Kb / 8P
0.7 inch 5x7 SINGLE COLOR DOT MATRIX DISPLAY
logo
LightKey Optoelectronic...
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
LM40057ABRG LIGHTKEY-LM40057ABRG Datasheet
124Kb / 3P
3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
LM30057ABRG LIGHTKEY-LM30057ABRG Datasheet
126Kb / 3P
LM30057A/BRG Series . 3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM20088ABRG LIGHTKEY-LM20088ABRG Datasheet
276Kb / 3P
2.00 inch 8x8 Dual Color Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM12057EFRG LIGHTKEY-LM12057EFRG Datasheet
182Kb / 3P
LM12057C/DRG Series -1.20 inch 5x7 Dual Color Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com