Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

70138 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 70138
Description  LINEARlight POWER FLEX Flexible High Light Output LED Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70138 Datasheet(HTML) 1 Page - OSRAM GmbH

  70138 Datasheet HTML 1Page - OSRAM GmbH 70138 Datasheet HTML 2Page - OSRAM GmbH 70138 Datasheet HTML 3Page - OSRAM GmbH 70138 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High brightness, flexible, linear
LED alternative to conventional
sources
Flexible printed circuit board has
self adhesive backing for easy
installation
Size of entire module (L x W x H)
9.19 ft x 0.4 in x 0.12 in.
Conveniently field cut with
scissors every 6 LEDs
Electrical connectors, mounting
tracks and optical diffusers
available for easy installation
•
•
•
•
•
Long life: Up to 50,000 hours
when temperature at Tc point is
maintained at 40°C
120° beam angle
Optimal operation with OPTO-
TRONIC 24Vdc power supplies
No UV or IR radiation
RoHS Compliant
The OSRAM Advance Power
TOPLED delivers high luminous
flux
•
•
•
•
•
•
LINEARlight POWER FLEX LED modules are suitable alternatives to
conventional sources used in linear and curved architecture and
display lighting applications. The module consists of high brightness,
white LEDs uniformly spaced on a flexible, self adhesive substrate.
LINEARlight POWER FLEX modules have a service life of 50,000 hours
with proper thermal management. The module is optimally paired
with OSRAM OPTOTRONIC® 24Vdc power supplies. Connector acces-
sories are also available to simplify installation. To facilitate easy in-
stallation, optional connector assemblies and mounting tracks are
available in 18" and 56" lengths. These may be paired with diffuser
accessories to modify and soften light distribution.
LED045R6 11/08
Ordering Description
Wattage (W)
Color
LNRPWRFLX/LM10P/W3F-727 9FT
72
2700K
LNRPWRFLX/LM10P/W3F-830 9FT
72
3000K
LNRPWRFLX/LM10P/W3F-835 9FT
72
3500K
LNRPWRFLX/LM10P/W3F-840 9FT
72
4000K
LNRPWRFLX/LM10P/W3-847 9FT*
72
4700K
LNRPWRFLX/LM10P/W3F-854 9FT
48
5400K
LNRPWRFLX/LM10P/W3-865 9FT*
72
6500K
*Available while supplies last. Contact your OSRAM SYLVANIA respresentative for availability.
Applications
Cove lighting
Edge lighting transparent/diffuse materials
Border marking
Commercial signs
Emergency/rescue signs
Path and contour marking
Backlighting complex contours
Refrigeration cases
Display shelves
Recessed lighting
Application Information
LINEARlight POWER FLEX
Flexible High Light Output LED Modules
www.sylvania.com
Key Features & Benefits
Product Offering


Similar Part No. - 70138

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7013 AD-7013 Datasheet
591Kb / 20P
CMOS TIA IS-54 Baseband Receive Port
REV.A
logo
Bourns Electronic Solut...
7013 BOURNS-7013 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Alpha Wire
7013 ALPHAWIRE-7013 Datasheet
406Kb / 4P
20 (19/32) AWG Tinned Copper
logo
Wiha Tools
7013 WIHA-7013 Datasheet
1Mb / 4P
Wiha Torque Product Range. The Brilliant Torque Screwdrivers.
logo
Bourns Electronic Solut...
7013-RC BOURNS-7013-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
More results

Similar Description - 70138

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70044 GILWAY-GTL-OS-70044 Datasheet
325Kb / 4P
Product Information Bulletin LINEARlight LED Modules
GTL-OS-70061 GILWAY-GTL-OS-70061 Datasheet
488Kb / 4P
Product Information Bulletin LINEARlight FLEX TOPLED Flexible LED Strip
GTL-OS-70066 GILWAY-GTL-OS-70066 Datasheet
484Kb / 4P
Product Information Bulletin LINEARlight FLEX SIDELED Flexible LED Strip
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
logo
List of Unclassifed Man...
70105 ETC2-70105 Datasheet
419Kb / 4P
LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
logo
OSRAM GmbH
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com