Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

70138 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 70138
Description  LINEARlight POWER FLEX Flexible High Light Output LED Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70138 Datasheet(HTML) 2 Page - OSRAM GmbH

  70138 Datasheet HTML 1Page - OSRAM GmbH 70138 Datasheet HTML 2Page - OSRAM GmbH 70138 Datasheet HTML 3Page - OSRAM GmbH 70138 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Catalog #
Type
Project
Comments
Prepared by
Date
LNRPWRFLX
/
LM10P
/
W3F
7
27
LINEARlight POWER FLEX
Identification
Color Code
CRI
Color Temperature
Code
White
7>70
27 = 2700K
47 = 4700K
3rd Generation
8>80
30 = 3000K
54 = 5400K
Fine Binning
35 = 3500K
65 = 6500K
40 = 4000K
Ordering Guide
Minimum and Maximum Ratings
Parameter
Symbol
Values
Operating Temperature at Tc point
T
op
-20... +85°C (-4 to +185°F)
Storage Temperature
T
stg
-20... +85°C (-22 to +185°F)
Voltage Range
V
max
23...25 V
dc
Maximum Reverse Voltage
V
R
25 V
dc
Notes:
1. Exceeding maximum ratings may damage the LED module and cause potential safety hazards.
2. Elevated operating temperatures can be expected to negatively impact the service life in terms of lumen output.
Specification Data
Ordering Information
Item
Ordering
Module
No. of
Power
Voltage
Current per
Correlated Color
Initial Lumens
Number
Abbreviation
Length (ft)
LEDs
(W)
(Vdc)
module (A)
Temperature (K)** per module (lm)*
Lumens/ft
Watts/ft
70268
LNRPWRFLX/LM10P/W3F-727 9FT
9
120
72
24
3
2700K
1500
166
8
70331
LNRPWRFLX/LM10P/W3F-830 9FT
9
120
72
24
3
3000K
1900
211
8
70325
LNRPWRFLX/LM10P/W3F-835 9FT
9
120
72
24
3
3500K
2450
272
8
70328
LNRPWRFLX/LM10P/W3F-840 9FT
9
120
72
24
3
4000K
2450
272
8
70137
LNRPWRFLX/LM10P/W3-847 9FT***
9
120
72
24
3
4700K
1900
211
8
70098
LNRPWRFLX/LM10P/W3F-854 9FT
9
120
48
24
2
5400K
2100
233
5.3
70138
LNRPWRFLX/LM10P/W3-865 9FT***
9
120
72
24
3
6500K
1400
152
8
*All data is related to entire module measured at Tc point of 25°C. Data reflects statistical mean values. Actual data may differ depending on variances in the manufacturing process. End users need to take
into account the lumen depreciation as the temperature rises with various thermal management solutions installed.
**CRI >70 for all 2700K and 3000K. All other white color temperatures have a CRI >80.
*** Available while supplies last. Check with your OSRAM SYLVANIA representative for availability.
Power Supply Information
OPTOTRONIC 20W
OPTOTRONIC 50W
OPTOTRONIC 75W
OPTOTRONIC 96W
OPTOTRONIC 240W
(51512)
(51598)
(51513, 51514)
(51511, 51510)
(51515)
LED Item
No. of
Max.
No. of reels
Max.
No. of reels
Max.
No. of reels
Max.
No. of reels
Max.
Number
Color
Coupons
Length (ft)
(coupons)
Length (ft)
(coupons)
Length (ft)
(coupons)
Length (ft)
(coupons)
Length (ft)
70268
727 (W3F)
5
2.3
0.65 (13)
6.1
1 (20)
9.2
1.3 (26)
11.9
1.1 (22)
10.1
70331
730 (W3F)
5
2.3
0.65 (13)
6.1
1 (20)
9.2
1.3 (26)
11.9
1.1 (22)
10.1
70325
835 (W3F)
5
2.3
0.65 (13)
6.1
1 (20)
9.2
1.3 (26)
11.9
1.1 (22)
10.1
70328
840 (W3F)
5
2.3
0.65 (13)
6.1
1 (20)
9.2
1.3 (26)
11.9
1.1 (22)
10.1
70137
847 (W3)
5
2.3
0.65 (13)
6.1
1 (20)
9.2
1.3 (26)
11.9
1.1 (22)
10.1
70098
854 (W3F)
8
3.6
1 (20)
9.2
1.6 (31)
14.2
2.0 (40)
18.3
1.7 (33)
15.1
70138
865 (W3)
5
2.3
0.65 (13)
6.1
1 (20)
9.2
1.3 (26)
11.9
1.1 (22)
10.1
A coupon is a sub-section of the LINEARlight POWERFLEX module, containing 6 LEDs at a length of 5.5".
The LINEARlight POWER FLEX modules can be dimmed when used with the OT DIM or OT RGB3 DIM. Allow for an additional power consumption of 3 watts for a 70 watt LED load.
These values are an approximation based on the typical "Power" values listed under the "Ordering Information" parameters. To accurately determine the maximum LED load and its appropriate wiring,
please evaluate the application based on the Application Note, "Determining the Maximum LED Load on a Constant Voltage Power Supply", document #LED026, and reference the wiring based on the wiring
diagram. This document can be found at www.sylvania.com.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com