Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA010-IPF Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24FJ128GA010-IPF
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA010-IPF Datasheet(HTML) 2 Page - Microchip Technology

  PIC24FJ128GA010-IPF Datasheet HTML 1Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 2Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 258 page
background image
PIC24FJ128GA010 FAMILY
DS39747F-page 2
 2005-2012 Microchip Technology Inc.
Pin Diagrams
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
44
PIC24FJXXGA006
1
46
45
43
42
41
40
39
SOSCI/CN1/RC13
OC1/RD0
IC3/PMCS2/INT3/RD10
IC2/U1CTS/INT2/RD9
IC1/RTCC/INT1/RD8
IC4/PMCS1/INT4/RD11
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
SCL1/RG2
U1RTS/BCLK1/SCK1/INT0/RF6
U1RX/SDI1/RF2
U1TX/SDO1/RF3
SDA1/RG3
SOSCO/T1CK/CN0/RC14
PMD5/RE5
PMD6/RE6
PMD7/RE7
PMA5/SCK2/CN8/RG6
VDD
C1IN+/AN5/CN7/RB5
C1IN-/AN4/CN6/RB4
C2IN+/AN3/CN5/RB3
C2IN-/AN2/SS1/CN4/RB2
PMA4/SDI2/CN9/RG7
PMA3/SDO2/CN10/RG8
PGC1/EMUC1/VREF-/AN1/CN3/RB1
PGD1/EMUD1/PMA6/VREF+/AN0/CN2/RB0
PMA2/SS2/CN11/RG9
MCLR
VSS
Vss
38
37
34
36
35
33
64-Pin TQFP/QFN(1)
PIC24FJXXXGA006
Legend:
Shaded pins indicate pins that are tolerant to up to +5.5 VDC.
Note
1:
Bottom pad of QFN package must be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com