Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA010-IPF Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC24FJ128GA010-IPF
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA010-IPF Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC24FJ128GA010-IPF Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 9Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 10Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 11Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 12Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 258 page
background image
 2005-2012 Microchip Technology Inc.
DS39747F-page 9
PIC24FJ128GA010 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24FJ128GA010 FAMILY
Features
Operating Frequency
DC – 32 MHz
Program Memory (Bytes)
64K
96K
128K
64K
96K
128K
64K
96K
128K
Program Memory (Instructions)
22,016 32,768 44,032 22,016 32,768 44,032 22,016 32,768 44,032
Data Memory (Bytes)
8192
Interrupt Sources
(Soft Vectors/NMI Traps)
43
(39/4)
I/O Ports
Ports B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Total I/O Pins
53
69
84
Timers:
Total Number (16-bit)
5
32-Bit (from paired 16-bit timers)
2
Input Capture Channels
5
Output Compare/PWM
Channels
5
Input Change Notification
Interrupt
19
22
Serial Communications:
UART
2
SPI (3-wire/4-wire)
2
I2C™
2
Parallel Communications
(PMP/PSP)
Yes
JTAG Boundary Scan
Yes
10-Bit Analog-to-Digital Module
(input channels)
16
Analog Comparators
2
Resets (and Delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode, Configuration Word
Mismatch, REPEAT Instruction, Hardware Traps (PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
64-Pin TQFP/QFN
80-Pin TQFP
100-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com