Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCF6000 Datasheet(PDF) 4 Page - Motorola, Inc

Part # TCF6000
Description  PERIPHERAL CLAMPING ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCF6000 Datasheet(HTML) 4 Page - Motorola, Inc

  TCF6000 Datasheet HTML 1Page - Motorola, Inc TCF6000 Datasheet HTML 2Page - Motorola, Inc TCF6000 Datasheet HTML 3Page - Motorola, Inc TCF6000 Datasheet HTML 4Page - Motorola, Inc TCF6000 Datasheet HTML 5Page - Motorola, Inc TCF6000 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCF6000
4
MOTOROLA ANALOG IC DEVICE DATA
The use of Cin is not mandatory, and is not recommended
where the lines to be protected are used for output or for both
input and output. For digital input lines, the use of a small
capacitor in the range of 50 pF to 220 pF is recommended as
this will reduce the rate of rise of voltage seen by the
TCF6000 and hence the possibility of overshoot.
In the case of the analog inputs, such as that from the
pressure sensor, the capacitor Cin is necessary for devices
such as the MC6805S2 shown, which present a low
impedance during the sampling period. The maximum value
for Cin is determined by the accuracy required, the time taken
to sample the input and the input impedance during that time,
while the maximum value is determined by the required
frequency response and the value of Rin.
Thus for a resistive input A/D connector where:
Ts
RD
Vin
k
Q1
Q2
ID
= Sample time (seconds)
= Device input resistance (
Ω)
= Input voltage (V)
= Required accuracy (%)
= Charge on capacitor before sampling
= Charge on capacitor after sampling
= Device input current (A)
Q1–Q2 =
k
Q1
100
Thus:
but,
and,
Q1
Q1–Q2
= Cin Vin
= ID • Ts
so that,
ID Ts =
k
• Cin–Vin
100
and,
Cin (min) =
ID • Ts
Vin • k
Farad
so,
Cin (min) =
100
• Ts
k
• RD
Farad
The calculation for a sample and hold type converter is
even simpler:
k
CH
= Required accuracy (%)
= Hold capacitor (Farad)
Cin (min) =
100
• CH
k
Farad
For the MC6805S2 this comes out at:
Cin (min) =
100.25 pF
0.25
= 10 nF for 1/4% accuracy



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com