Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCF6000 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TCF6000
Description  PERIPHERAL CLAMPING ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCF6000 Datasheet(HTML) 3 Page - Motorola, Inc

  TCF6000 Datasheet HTML 1Page - Motorola, Inc TCF6000 Datasheet HTML 2Page - Motorola, Inc TCF6000 Datasheet HTML 3Page - Motorola, Inc TCF6000 Datasheet HTML 4Page - Motorola, Inc TCF6000 Datasheet HTML 5Page - Motorola, Inc TCF6000 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCF6000
3
MOTOROLA ANALOG IC DEVICE DATA
–0.3 V
+10 mA
IIK
0 V
–10 mA
Low
Impedance
High
Low
Impedance
Impedance
VCC+
0.75 V Typ
Vin
VCC
Figure 3. Clamping Characteristics
APPLICATIONS INFORMATION
Figure 4 depicts a typical application in a microcomputer
based automotive ignition system.
The TCF6000 is being used not only to protect the
system’s normal inputs but also the (bidirectional) serial
diagnostics port.
The value of the input resistors, Rin, is determined by the
clamping current and the anticipated value of the spikes.
Thus:
Rin =
Ω
V
IIK
where:
So, taking,
gives,
V
IIK
V
IIK
Rin
= Peak Volts (V)
= Clamping current (A)
= 300 V typically (SAE J1211)
= 10 mA (recommended)
= 30 k
Resistors of this value will not usually cause any problems
in MOS systems, but their presence needs to be taken into
account by the designer. Their effect will normally need to be
compensated for Bipolar systems.
Figure 4. Typical Automotive Application
Gnd
Gnd
VCC
Coil Drive
Coil Feedback
VCC
INT1
D1
D0
D2
B0
D6
B1
B2
VSS
Gnd
Serial Diagnostics
Ignition Module
Car
6X
Rin
3X
Cin
Gnd
Vbat
Vbat
RHall
Engine
Temperature
Hall
Effect
Pick Up
Pressure
Sensor
Battery
Volts
Gnd
MC6805S2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com