Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet(PDF) 4 Page - Motorola, Inc

Part # TIP102
Description  DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP102 Datasheet(HTML) 4 Page - Motorola, Inc

  TIP102 Datasheet HTML 1Page - Motorola, Inc TIP102 Datasheet HTML 2Page - Motorola, Inc TIP102 Datasheet HTML 3Page - Motorola, Inc TIP102 Datasheet HTML 4Page - Motorola, Inc TIP102 Datasheet HTML 5Page - Motorola, Inc TIP102 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP100 TIP101 TIP102 TIP105 TIP106 TIP107
4
Motorola Bipolar Power Transistor Device Data
20,000
0.1
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
VCE = 4.0 V
0.7
3.0
NPN
TIP100, TIP101, TIP102
PNP
TIP105, TIP106, TIP107
Figure 9. Collector Saturation Region
3.0
0.3
IB, BASE CURRENT (mA)
1.0
0.5
1.0
2.0
10
30
1.8
IC = 2.0 A
TJ = 25°C
4.0 A
2.2
2.6
0.7
5.0
3.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
VBE @ VCE = 4.0 V
3.0
10,000
5000
TJ = 150°C
25
°C
– 55
°C
20
IC, COLLECTOR CURRENT (AMP)
VCE = 4.0 V
TJ = 150°C
25
°C
– 55
°C
1.4
6.0 A
IB, BASE CURRENT (mA)
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 4.0 V
5.0 7.0
20,000
0.1
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
0.7
3.0
10,000
5000
5.0 7.0
7000
700
3.0
7.0
3.0
0.3
1.0
0.5
1.0
2.0
10
30
1.8
2.2
2.6
0.7
5.0
20
1.4
3.0
7.0
IC = 2.0 A
4.0 A
6.0 A
0.7
7.0
3.0
0.1
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
3.0
0.7
7.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com