Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet(PDF) 1 Page - Motorola, Inc

Part # TIP102
Description  DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP102 Datasheet(HTML) 1 Page - Motorola, Inc

  TIP102 Datasheet HTML 1Page - Motorola, Inc TIP102 Datasheet HTML 2Page - Motorola, Inc TIP102 Datasheet HTML 3Page - Motorola, Inc TIP102 Datasheet HTML 4Page - Motorola, Inc TIP102 Datasheet HTML 5Page - Motorola, Inc TIP102 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium-Power
Complementary Silicon Transistors
. . . designed for general–purpose amplifier and low–speed switching applications.
• High DC Current Gain —
hFE = 2500 (Typ) @ IC = 4.0 Adc
• Collector–Emitter Sustaining Voltage — @ 30 mAdc
VCEO(sus) = 60 Vdc (Min) — TIP100, TIP105
VCEO(sus) = 80 Vdc (Min) — TIP101, TIP106
VCEO(sus) = 100 Vdc (Min) — TIP102, TIP107
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 2.0 Vdc (Max) @ IC = 3.0 Adc
VCE(sat) = 2.5 Vdc (Max) @ IC = 8.0 Adc
• Monolithic Construction with Built–in Base–Emitter Shunt Resistors
• TO–220AB Compact Package
*MAXIMUM RATINGS
Rating
Symbol
TIP100,
TIP105
TIP101,
TIP106
TIP102,
TIP107
Unit
Collector–Emitter Voltage
VCEO
60
80
100
Vdc
Collector–Base Voltage
VCB
60
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
8.0
15
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
80
0.64
Watts
W/
_C
Unclamped Inductive Load Energy (1)
E
30
mJ
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.56
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
(1) IC = 1.1 A, L = 50 mH, P.R.F. = 10 Hz, VCC = 20 V, RBE = 100 Ω.
80
0
0
20
40
60
80
100
120
160
Figure 1. Power Derating
T, TEMPERATURE (
°C)
40
20
60
140
TC
4.0
0
2.0
1.0
3.0
TA
TA
TC
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by TIP100/D
© Motorola, Inc. 1995
TIP100
TIP101
TIP102
TIP105
TIP106
TIP107
DARLINGTON
8 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60 – 80 – 100 VOLTS
80 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
*
*
CASE 221A–06
TO–220AB
REV 7


Similar Part No. - TIP102

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP102 MOSPEC-TIP102 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
ON Semiconductor
TIP102 ONSEMI-TIP102 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP102 POINN-TIP102 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP102 STMICROELECTRONICS-TIP102 Datasheet
35Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
logo
Fairchild Semiconductor
TIP102 FAIRCHILD-TIP102 Datasheet
51Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results

Similar Description - TIP102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
RCA1001 ETC-RCA1001 Datasheet
115Kb / 3P
8 AMPERE SILICON NPN DARLINGTON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
10 Ampere Darlington Power Transistors Complementary Silicon
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com