Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NISCXI-1126 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NISCXI-1126
Description  SCXI 8-Channel Isolated Frequency Input Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1126 Datasheet(HTML) 2 Page - National Instruments Corporation

  NISCXI-1126 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 5Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SCXI 8-Channel Isolated Frequency Input Module
307
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
NI SCXI-1126 ................................................................776572-26
For information on extended warranty and value-added
services, see page 20.
BUY ONLINE!
Visit ni.com/info and enter scxi1126.
See page 276 to configure your complete SCXI system
Ordering Information
Terminal Block
Part Number
Type
Cabling
Special Functions
Page
SCXI-1320
777687-20
Screw terminals/front-mounting
–
–
329
SCXI-1327
777687-27
Screw terminals/front-mounting
–
Extended voltage input range (to 250 Vrms)
329
SCXI-1305
777687-05
BNC connectors/front-mounting
–
AC coupling (configurable per channel)
329
TBX-1316
777207-16
Screw terminals
SH-32-32-A (183230-01)
Extends input range to 1000 V DC
331
TBX-1328
777207-28
Screw terminals/DIN-rail mount
SH32-32-A (183230-01)
DIN-rail mount Isothermal construction
331
TBX-1329
777207-29
Screw terminals/DIN-rail mount
SH32-32-A (183230-01)
DIN-rail mount AC/DC coupling with removable screw terminals
331
SCXI-1330
777687-30
Solder pins/front-mounting
–
Low-cost connector and shell assembly
330
Figure 2. Terminal Block Options for SCXI-1126
Scan Clock
Optical
Isolation
Isolation
Barrier
CH0
CH7
CH 7+
CH O+
CH 0-
CH 7-
Comparator
(with input protection)
Threshold
and
Hysteresis
(8-bits)
Frequency
to Voltage
8:1
Analog
Multiplexer
Analog
Bus
Switch
To
Analog
Bus
Optical
Isolation
Optical
Isolation
Comparator
(with input protection)
Threshold
and
Hysteresis
(8-bits)
Optical
Isolation
Range/Fiber
Settings
Digital
Interface and Control
Calibraton EEPROM
Buffer
Frequency
to Voltage
Range/Fiber
Settings
Figure 1. SCXI-1126 Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com