Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NISCXI-1126 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NISCXI-1126
Description  SCXI 8-Channel Isolated Frequency Input Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1126 Datasheet(HTML) 3 Page - National Instruments Corporation

  NISCXI-1126 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 5Page - National Instruments Corporation NISCXI-1126 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
All specifications are for 20 to 30 ˚C and for 1 year unless otherwise noted.
All specifications are relative to calibration standards and require a 15 minute warm-up period.
Specifications do not include transducer error.
Input Characteristics
Number of channels......................................... 8
Input frequency ranges (software selectable) and corresponding output voltage range1
Minimum recommended input frequency based on output filter setting
Minimum input pulse width............................. 1.5 µs (5 V pulse train at 128 kHz)
Input signal amplitude range ........................... (1,000 VDC/680 Vrms with the TBX-1316) ±50 mV minimum
to ±250 V maximnum
Input coupling................................................... DC (AC with SCXI-1305 or TBX-1329)
Maximum working voltage2,3........................... Each input should remain within 250 Vrms of chassis ground
or any other input terminal (signal + common mode voltage)
Overvoltage protection3 ................................... 250 Vrms, powered on or off
Inputs protected ............................................... CH<0..7>
Input impedance
Powered on................................................ 50 G
(-0.5 to 4.5 V)
Overload..................................................... 50 k
(-250 to -0.5 V and 4.5 to 250 V)
Powered off ...................................................... 50 k
Input bias current ............................................. 500 pA maximum (0 to 50˚)
Threshold (software programmable)
Range......................................................... -0.5 to 4.98 V (-50 to 250 V with
SCXI-1327 high-voltage terminal block)
Resolution.................................................. 8 bits
Hysteresis .................................................. 0 to 4.98 V (0 to 250 V with SCXI-1327 high- voltage
attenuator terminal block)
Transfer Characteristics4
Output Characteristics
Output impedance
Multiplexed output mode.......................... 100
Parallel output mode ................................. 330
Output short circuit protection......................... Indefinite duration
Outputs protected ............................................ MCH<0..7>
Filters (software programmable)
Type .................................................................. 4-pole, active lowpass
Power-Up and Reset States
Bandwidth and Response Time
Stability
Recommended warm-up time.......................... 15 minutes
Temperature drift (0 to 20 ˚C; 30 to 50 ˚C)7
In ppm/˚C ................................................... ±9 ppm of reading/˚C ±6.4 ppm
In Hz/˚C of range/˚C
Calibration cycle............................................... 1 year
Physical
Dimensions....................................................... 3.0 by 17.2 by 20.3 cm
(1.2 by 6.8 by 8.0 in.)
I/O connectors .................................................. 50-pin male ribbon cable rear connector
32-pin male DIN C front I/O connector
Environment
Operating temperature..................................... 0 to 50 ˚C
Storage temperature ........................................ -20 to 70 ˚C
Relative humidity ............................................. 5 to 90% noncondensing
Certifications and Compliances
European Compliance
EMC ................................................................. EN 61326 Group I Class A, 10m, Table 1 Immunity
Safety .............................................................. EN 61010-1
North American Compliance
EMC ................................................................. FCC Part 15 Class A using CISPR
Safety ............................................................... UL Listed to UL 3111-1
CAN/CSA C22.2 No. 1010.1
1 V
rms refers to a sinusoidal waveform; V refers to DC or AC peak
2 As specified by IEC-1010 for Pollution Degree 2 and Installation Category II
3 Voltage is limited to 30 V
rms (42.4 V) if using the SCXI-1305 terminal block
4 Accuracy is based on the combination of all errors, including the effects
of temperature drift over the range 20 to 30 ˚C
5 Includes effects of AT-MIO-16E-2 with 1 or 2 m SCXI cable assembly
6 Includes effects of AT-MIO-16XE-10 with 1 or 2 m SCXI cable assembly
7 See Transfer Characteristics for temperature drift over the range 20 to 30 ˚C
For a definition of specific terms, please visit ni.com/glossary
308 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
SCXI 8-Channel Isolated
Frequency Input Module
Specifications
Input Frequency Ranges
Output Voltage Range
250 Hz, 500 Hz, 1 kHz, 2 kHz
0 to 5 V
4 kHz, 8 kHz, 16 kHz, 32 kHz
64 kHz, 128 kHz
Input Frequency Ranges
Temperature Drift Percent of Reading/˚C + Hz/˚C
250 Hz
0.0009% ±0.002 Hz
500 Hz
0.0009% ±0.003 Hz
1 kHz
0.0009% ±0.006 Hz
2 kHz
0.0009% ±0.013 Hz
4 kHz
0.0009% ±0.026 Hz
8 kHz
0.0009% ±0.051 Hz
16 kHz
0.0009% ±0.102 Hz
32 kHz
0.0009% ±0.204 Hz
64 kHz
0.0009% ±0.407 Hz
128 kHz
0.0009% ±0.814 Hz
Output Filter Bandwidth Setting
Minimum Input Frequency
1 Hz
15 Hz
40 Hz
600 Hz
320 Hz
5 kHz
1000 Hz
15 kHz
Bandwidth
Step Response
Settling Time (ms)
Full Scale Input Step
(-3 dB) (Hz)
to ±1%
to ±0.1%
to ±0.024%
1.0
800.0
1,530.0
5,300.0
40.0
30.0
55.0
180.0
320.0
3.2
7.0
30.0
1000.0
0.8
1.0
1.2
Function
Power-Up State
Software Reset State
Hardware Reset State
Scanning mode*
Parallel
Retains last setting
Parallel
prior to software reset
DAQ device
DIFF
Retains last setting
DIFF
Connection mode*
prior to software reset
Input frequency range
0 to128 kHz
0 to128 kHz
0 to128 kHz
Filter setting
1 Hz
1 Hz
1 Hz
Threshold level
-0.5 V
-0.5 V
Retains last setting
prior to software reset
Hysteresis level
0 V
0 V
Retains last setting
prior to software reset
*Output modes
Input
Noise (Hz)
Frequency
Percent of Reading + Hz*
(DC to 255 kHz)
Ranges
24 hours
90 days
1 year
peak
rms
250 Hz
0.0150% ± 0.011 Hz
0.0217% ± 0.018 Hz
0.0418% ± 0.039 Hz
0.05
0.008
500 Hz
0.0150% ± 0.023 Hz
0.0217% ± 0.036 Hz
0.0418% ± 0.077 Hz
0.10
0.015
1 kHz
0.0150% ± 0.045 Hz
0.0217% ± 0.073 Hz
0.0418% ± 0.154 Hz
0.20
0.030
2 kHz
0.0150% ± 0.091 Hz
0.0217% ± 0.145 Hz
0.0418% ± 0.308 Hz
0.40
0.061
4 kHz
0.0150% ± 0.181 Hz
0.0217% ± 0.290 Hz
0.0418% ± 0.616 Hz
0.8
0.121
8 kHz
0.0150% ± 0.363 Hz
0.0217% ± 0.580 Hz
0.0418% ± 1.231 Hz
1.60
0.242
16 kHz
0.0150% ± 0.726 Hz
0.0217% ± 1.160 Hz
0.0418% ± 2.462 Hz
3.20
0.485
32 kHz
0.0150% ± 1.451 Hz
0.0217% ± 2.319 Hz
0.0418% ± 4.924 Hz
6.40
0.970
64 kHz
0.0150% ± 2.902 Hz
0.0217% ± 4.638 Hz
0.0418% ± 9.848 Hz
12.80
1.939
128 kHz
0.0150% ± 5.803 Hz
0.0217% ± 9.276 Hz
0.0418% ± 16.696 Hz
25.60
3.879
*Accuracy
Scan Interval (Per Channel, Any Frequency Range and Filter Bandwidth)
Module
Settle to ±0.012%5
Settle to ±0.006%6
Settle to ±0.0015%6
SCXI-1126
3 µs
10 µs
20 µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com