Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4501CDG4 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4501CDG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CDG4 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS4501CDG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 5 V
RF = RG = 392 Ω, RL = 800 Ω, G = +1, and single-ended input, unless otherwise noted.
THS4500 AND THS4501
TYP
OVER TEMPERATURE
MIN/T
PARAMETER
TEST CONDITIONS
YP/M
0
°C to
–40°C to
+25
°C
+25
°C
UNITS
AX
+70
°C
+85
°C
AC PERFORMANCE
G = +1, PIN = –20 dBm, RF = 392 Ω
320
MHz
Typ
G = +2, PIN = –30 dBm, RF = 1 kΩ
160
MHz
Typ
Small-signal bandwidth
G = +5, PIN = –30 dBm, RF = 2.4 kΩ
60
MHz
Typ
G = +10, PIN = –30 dBm, RF = 5.1 kΩ
30
MHz
Typ
Gain-bandwidth product
G
> +10
300
MHz
Typ
Bandwidth for 0.1-dB flatness
PIN = –20 dBm
180
MHz
Typ
Large-signal bandwidth
VP = 1 V
200
MHz
Typ
Slew rate
2 VPP Step
1300
V/
μs
Typ
Rise time
2 VPP Step
0.5
ns
Typ
Fall time
2 VPP Step
0.6
ns
Typ
Settling time to 0.01%
VO = 2 V Step
13.1
ns
Typ
0.1%
VO = 2 V Step
8.3
ns
Typ
Harmonic distortion
G = +1, VO = 2 VPP
Typ
f = 8 MHz,
–80
dBc
Typ
2nd harmonic
f = 30 MHz
–55
dBc
Typ
f = 8 MHz
–76
dBc
Typ
3rd harmonic
f = 30 MHz
–60
dBc
Typ
Input voltage noise
f
> 1 MHz
7
nV/
√Hz
Typ
Input current noise
f
> 100 kHz
1.7
pA/
√Hz
Typ
Overdrive recovery time
Overdrive = 5.5 V
60
ns
Typ
DC PERFORMANCE
Open-loop voltage gain
54
51
49
49
dB
Min
Input offset voltage
–4
–7/–1
–8/0
–9/+1
mV
Max
Average offset voltage drift
±10
±10
μV/°C
Typ
Input bias current
4
4.6
5
5.2
μA
Max
Average bias current drift
±10
±10
nA/
°C
Typ
Input offset current
0.5
0.7
1.2
1.2
μA
Max
Average offset current drift
±20
±20
nA/
°C
Typ
INPUT
Common-mode input range
–0.7/2.6
–0.4/2.3
–0.1/2
–0.1/2
V
Min
Common-mode rejection ratio
80
74
70
70
dB
Min
Input Impedance
107 || 1
Ω || pF
Typ
OUTPUT
Differential output voltage swing
RL = 1 kΩ, Referenced to 2.5 V
±3.3
±3
±2.8
±2.8
V
Min
Output current drive
RL = 20 Ω
100
90
80
80
mA
Min
Output balance error
PIN = –20 dBm, f = 100 kHz
–58
dB
Typ
Closed-loop output impedance
f = 1 MHz
0.1
Ω
Typ
(single-ended)
6
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com