Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4501CDG4 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4501CDG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CDG4 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4501CDG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS: VS = 5 V (continued)
RF = RG = 392 Ω, RL = 800 Ω, G = +1, and single-ended input, unless otherwise noted.
THS4500 AND THS4501
TYP
OVER TEMPERATURE
MIN/T
PARAMETER
TEST CONDITIONS
YP/M
0
°C to
–40°C to
+25
°C
+25
°C
UNITS
AX
+70
°C
+85
°C
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
RL = 400 Ω
180
MHz
Typ
Slew rate
2 VPP Step
80
V/
μs
Typ
Minimum gain
1
0.98
0.98
0.98
V/V
Min
Maximum gain
1
1.02
1.02
1.02
V/V
Max
Common-mode offset voltage
0.4
–2.6/3.4
–4.2/5.4
–5.6/6.4
mV
Max
Input bias current
VOCM = 2.5 V
1
2
3
3
μA
Max
Input voltage range
1/4
1.2/3.8
1.3/3.7
1.3/3.7
V
Min
Input impedance
25 || 1
k
Ω || pF
Typ
Maximum default voltage
VOCM left floating
2.5
2.55
2.6
2.6
V
Max
Minimum default voltage
VOCM left floating
2.5
2.45
2.4
2.4
V
Min
POWER SUPPLY
Specified operating voltage
5
15
15
15
V
Max
Maximum quiescent current
20
25
29
31
mA
Max
Minimum quiescent current
20
16
12
10
mA
Min
Power-supply rejection (+PSRR)
75
72
69
66
dB
Min
POWER -DOWN (THS4500 ONLY)
Enable voltage threshold
Device enabled ON above 2.1 V
2.1
V
Min
Disable voltage threshold
Device disabled OFF below 0.7 V
0.7
V
Max
Power-down quiescent current
600
800
1200
1200
μA
Max
Input bias current
100
125
140
140
μA
Max
Input impedance
50 || 1
k
Ω || pF
Typ
Turn-on time delay
1000
ns
Typ
Turn-off time delay
800
ns
Typ
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com