Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS953002 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS953002
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS953002 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS953002 Datasheet HTML 1Page - Integrated Circuit Systems ICS953002 Datasheet HTML 2Page - Integrated Circuit Systems ICS953002 Datasheet HTML 3Page - Integrated Circuit Systems ICS953002 Datasheet HTML 4Page - Integrated Circuit Systems ICS953002 Datasheet HTML 5Page - Integrated Circuit Systems ICS953002 Datasheet HTML 6Page - Integrated Circuit Systems ICS953002 Datasheet HTML 7Page - Integrated Circuit Systems ICS953002 Datasheet HTML 8Page - Integrated Circuit Systems ICS953002 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
VDDA
PWR
3.3V power for the PLL core.
2
GND
PWR
Ground pin.
3
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
4
**FSL0/REF0
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. / 14.318 MHz reference
5
FSL1/REF1
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. / 14.318 MHz reference
6
X1
IN
Crystal input, Nominally 14.318MHz.
7
X2
OUT
Crystal output, Nominally 14.318MHz
8
GNDREF
PWR
Ground pin for the REF outputs.
9
VttPWR_GD/PD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when
latch inputs are valid and are ready to be sampled. This is an active high
input. / Asynchronous active low input pin used to power down the device
into a low power state.
10
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
11
**FSL2/PCICLK0
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. / 3.3V PCI clock output.
12
**FS3/~PCICLK1
I/O
Frequency select latch input pin / 3.3V PCI clock output.
13
PCICLK2
OUT
PCI clock output.
14
PCICLK3
OUT
PCI clock output.
15
GNDPCI
PWR
Ground pin for the PCI outputs
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
PCICLK4
OUT
PCI clock output.
18
PCICLK5
OUT
PCI clock output.
19
GNDPCI
PWR
Ground pin for the PCI outputs
20
*Turbo#
IN
Real time input pin to change frequency to a pre-programmed under or over
clock entries located in the Rom table.
21
Reset#
OUT
Real time system reset signal for frequency gear ratio change or watchdog
timer timeout. This signal is active low.
22
VDD48
PWR
Power pin for the 48MHz output.3.3V
23
**Mode0/48MHz
I/O
Function select pin, 1=Mobile Mode, 0=Desktop Mode / 48MHz clock output.
3.3V.
24
*Sel24_48#/24_48MHz
I/O
Latched select input for 24/48MHz output / 24/48MHz clock output.
1=24MHz, 0 = 48MHz.
25
GND48
PWR
Ground pin for the 48MHz outputs
26
VDD3V66
PWR
Power pin for the 3.3V 66MHz clocks.
27
**ITP_EN/3V66_2
I/O
3.3V 66.66MHz clock output./
ITP_EN: latched input to select pin functionality
1 = CPU_2_ITP pair
0 = PCI-EX0 pair
28
**FS4/3V66_1
I/O
Frequency select latch input pin / 66.66MHz clock output. 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com