Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS953002 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS953002
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS953002 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS953002 Datasheet HTML 1Page - Integrated Circuit Systems ICS953002 Datasheet HTML 2Page - Integrated Circuit Systems ICS953002 Datasheet HTML 3Page - Integrated Circuit Systems ICS953002 Datasheet HTML 4Page - Integrated Circuit Systems ICS953002 Datasheet HTML 5Page - Integrated Circuit Systems ICS953002 Datasheet HTML 6Page - Integrated Circuit Systems ICS953002 Datasheet HTML 7Page - Integrated Circuit Systems ICS953002 Datasheet HTML 8Page - Integrated Circuit Systems ICS953002 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
Pin Configuration
Recommended Application:
Chipset for P4 type processor with PCI-Express
Output Features:
2 - 0.7V current-mode differential CPU pairs
1 - 0.7V current-mode differential CPU/PCI-Express
selectable pair
6 - PCI, 33MHz
2 - REF, 14.318MHz
3 - 3V66, 66.66MHz
1 - 48MHz
1 - 24/48MHz
5 - PCI-Express 0.7V current mode differential pairs
Key Specifications:
CPU outputs cycle-cycle jitter < 85ps
3V66 outputs cycle-cycle jitter < 250ps
PCI outputs cycle-cycle jitter < 500ps
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
Programmable output frequency.
Programmable asynchronous 3V66&PCI frequency.
Programmable asynchronous PCI-Express frequency.
Programmable output divider ratios.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system if system
malfunctions.
Programmable watch dog safe frequency.
Support I2C Index read/write and block read/write
operations.
Uses external 14.318MHz reference input, external
crystal load caps are required for frequency tuning.
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
B0b4
B0b3
B0b2
B0b1
B0b0
PCI-EX
AGP
PCI
CPU
FS4
FS3
FSL2
FSL1
FSL0
MHz
MHz
MHz
MHz
00
0
0
0
100.00
66.66
33.33
266.66
00
0
0
1
100.00
66.66
33.33
133.33
00
0
1
0
100.00
66.66
33.33
200.00
00
0
1
1
100.00
66.66
33.33
166.66
00
1
0
0
N/A
N/A
N/A
N/A
00
1
0
1
100.00
66.66
33.33
100.00
00
1
1
0
100.00
66.66
33.33
400.00
00
1
1
1
100.00
66.66
33.33
200.00
01
0
0
0
100.00
66.66
33.33
100.00
01
0
0
1
100.00
66.66
33.33
133.33
01
0
1
0
100.00
66.66
33.33
200.00
01
0
1
1
100.00
66.66
33.33
166.66
01
1
0
0
100.00
66.66
33.33
100.00
01
1
0
1
100.00
66.66
33.33
133.33
01
1
1
0
100.00
66.66
33.33
200.00
01
1
1
1
100.00
66.66
33.33
166.66
1
0
0
0
0
100.00
66.66
33.33
266.66
10
0
0
1
100.00
66.66
33.33
133.33
10
0
1
0
100.00
66.66
33.33
200.00
10
0
1
1
100.00
66.66
33.33
166.66
10
1
0
0
N/A
N/A
N/A
N/A
10
1
0
1
100.00
66.66
33.33
100.00
10
1
1
0
100.00
66.66
33.33
400.00
10
1
1
1
100.00
66.66
33.33
200.00
11
0
0
0
100.00
66.66
33.33
266.66
11
0
0
1
100.00
66.66
33.33
133.33
11
0
1
0
100.00
66.66
33.33
200.00
11
0
1
1
100.00
66.66
33.33
166.66
11
1
0
0
N/A
N/A
N/A
N/A
11
1
0
1
100.00
66.66
33.33
100.00
11
1
1
0
100.00
66.66
33.33
400.00
11
1
1
1
100.00
66.66
33.33
200.00
VDDA
1
56 GND
GND
2
55 IREF
VDDREF
3
54 CPUCLKT0
**FS
L0/REF0
4
53 CPUCLKC0
FS
L1/REF1
5
52 GNDCPU
X1
6
51 CPUCLKT1
X2
7
50 CPUCLKC1
GNDREF
8
49 VDDCPU
VttPWR_GD/PD#
9
48 SDATA
VDDPCI 10
47 CPUCLKT2_ITP/PCIEXT0
**FS
L2/PCICLK0
11
46 CPUCLKC2_ITP/PCIEXC0
**FS3/~PCICLK1 12
45 VDDPCIEX
PCICLK2 13
44 PCIEXT1
PCICLK3 14
43 PCIEXC1
GNDPCI 15
42 PCIEXT2
VDDPCI 16
41 PCIEXC2
PCICLK4 17
40 GNDPCIEX
PCICLK5 18
39 VDDPCIEX
GNDPCI 19
38 PCIEXT3
*Turbo# 20
37 PCIEXC3
Reset# 21
36 PCIEXT4
VDD48 22
35 PCIEXC4
**Mode0/48MHz
23
34 PCIEXT5/CPU_STOP#*
*Sel24_48#/24_48MHz
24
33 PCIEXC5/PCI_PCIEX_STOP#*
GND48 25
32 GNDPCIEX
VDD3V66 26
31 SCLK
**ITP_EN/3V66_2 27
30 GND3V66
**FS4/3V66_1 28
29 3V66_0
~This output is default 2X drive strength.
56-Pin SSOP
*These inputs have 120K internal pull-up resistors to VDD.
**These inputs have 120K internal pull-down resistors to GND.


Similar Part No. - ICS953002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS953002 RENESAS-ICS953002 Datasheet
507Kb / 36P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results

Similar Description - ICS953002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
revision.
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com