Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCP1531RL Datasheet(PDF) 6 Page - STMicroelectronics

Part # LCP1531RL
Description  Programmable transient voltage suppressor for SLIC protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1531RL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LCP1531RL Datasheet HTML 2Page - STMicroelectronics LCP1531RL Datasheet HTML 3Page - STMicroelectronics LCP1531RL Datasheet HTML 4Page - STMicroelectronics LCP1531RL Datasheet HTML 5Page - STMicroelectronics LCP1531RL Datasheet HTML 6Page - STMicroelectronics LCP1531RL Datasheet HTML 7Page - STMicroelectronics LCP1531RL Datasheet HTML 8Page - STMicroelectronics LCP1531RL Datasheet HTML 9Page - STMicroelectronics LCP1531RL Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical information
LCP1531
6/10
DocID13397 Rev 5
The series resistors Rs1 and Rs2 designed in Figure 4. represent the fuse resistors or the
PTC which are mandatory to withstand the power contact or the power induction tests
imposed by the various country standards. Taking into account this fact the actual lightning
surge current flowing through the LCP1531 is equal to:
I surge = V surge / (Rg + Rs)
With:
V surge = peak surge voltage imposed by the standard.
Rg = series resistor of the surge generator
Rs = series resistor of the line card (e.g. PTC)
The LCP1531 is particularly optimized for the new telecom applications such as the fiber in
the loop, the WLL, the remote central office. In this case, the operating voltages are smaller
than in the classical system. This makes the high voltage SLICs particularly suitable.
The schematics of Figure 6. gives the most frequent topology used for these applications.
Figure 6. Protection of high voltage SLIC
Rs (*) = PTC or fuse resistor
Gn
GND
GND
TIP
RING
-Vbat
LCP1531
100 nF
SLIC
Rs (*)
Rs (*)
Line
Line card
TIP
RING
GND
Figure 7. Surge peak current versus
overload duration
Figure 8. Relative variation of holding current
versus junction temperature
I(A)
TSM
0
4
8
12
16
20
24
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
4
8
12
16
20
24
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
F=50Hz
Tj initial=25°C
t(s)
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
0.7
0.8
0.9
1
1.1
1.2
1.3
T (°C)
j
I [T ] / I [T =25°C]
Hj
Hj



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com