Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCP1531RL Datasheet(PDF) 9 Page - STMicroelectronics

Part # LCP1531RL
Description  Programmable transient voltage suppressor for SLIC protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1531RL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LCP1531RL Datasheet HTML 2Page - STMicroelectronics LCP1531RL Datasheet HTML 3Page - STMicroelectronics LCP1531RL Datasheet HTML 4Page - STMicroelectronics LCP1531RL Datasheet HTML 5Page - STMicroelectronics LCP1531RL Datasheet HTML 6Page - STMicroelectronics LCP1531RL Datasheet HTML 7Page - STMicroelectronics LCP1531RL Datasheet HTML 8Page - STMicroelectronics LCP1531RL Datasheet HTML 9Page - STMicroelectronics LCP1531RL Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DocID13397 Rev 5
9/10
LCP1531
Ordering information
10
4
Ordering information
5
Revision history
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
LCP1531RL
CP153
SO-8
0.08 g
2500
Tape and reel
Table 10. Document revision history
Date
Revision
Changes
23-Mar-2007
1
First issue.
10-Apr-2008
2
Reformatted for current standards. Changed gate capacitance
from 220 nF to 100 nF.
10-Aug-2011
3
Updated standards in Table 1.
23-Feb-2012
4
Standardized nomenclature for Gn.
27-Aug-2013
5
Updated Table 1, Table 3, Figure 9 and Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com