Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB161D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT45DB161D
Description  16-megabit 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB161D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT45DB161D_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13
3500P–DFLASH–5/2013
AT45DB161D
The table below details the sector protection status for various scenarios of the WP pin, the Enable Sector
Protection command, and the Disable Sector Protection command.
Figure 9-1.
WP Pin and Protection Status
Table 9-1.
WP Pin and Protection Status
9.1
Sector Protection Register
The nonvolatile Sector Protection Register specifies which sectors are to be protected or unprotected with either
the software or hardware controlled protection methods. The Sector Protection Register contains 16-bytes of data,
of which byte locations 0 through 15 contain values that specify whether sectors 0 through 15 will be protected or
unprotected. The Sector Protection Register is user modifiable and must first be erased before it can be
reprogrammed. Table 9-3 illustrates the format of the Sector Protection Register.:
Table 9-2.
Sector Protection Register
Table 9-3.
Sector 0 (0a, 0b)
Note:
1. The default value for bytes 0 through 15 when shipped from Adesto is 00H
x = don’t care
Time
Period
WP Pin
Enable Sector Protection Command
Disable Sector
Protection Command
Sector
Protection
Status
Sector
Protection
Register
1
High
Command Not Issued Previously
–
Issue Command
X
Issue Command
–
Disabled
Disabled
Enabled
Read/Write
Read/Write
Read/Write
2
Low
X
X
Enabled
Read Only
3
High
Command Issued During Period 1 or 2
–
Issue Command
Not Issued Yet
Issue Command
–
Enabled
Disabled
Enabled
Read/Write
Read/Write
Read/Write
WP
12
3
Sector Number
0 (0a, 0b)
1 to 15
Protected
See Table 9-3
FFH
Unprotected
00H
0a
0b
Bit 3, 2
Data
Value
(Page 0-7)
(Page 8-255)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unprotected
00
00
xx
xx
0xH
Protect Sector 0a
11
00
xx
xx
CxH
Protect Sector 0b (Page 8-255)
00
11
xx
xx
3xH
Protect Sectors 0a (Page 0-7), 0b (Page 8-255)(1)
11
11
xx
xx
FxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com