Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB161D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT45DB161D
Description  16-megabit 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB161D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT45DB161D_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
3500P–DFLASH–5/2013
AT45DB161D
operation. Unlike conventional Flash memories that are accessed randomly with multiple address lines and a
parallel interface, the Adesto DataFlash® uses a RapidS serial interface to sequentially access its data. The simple
sequential access dramatically reduces active pin count, facilitates hardware layout, increases system reliability,
minimizes switching noise, and reduces package size. The device is optimized for use in many commercial and
industrial applications where high-density, low-pin count, low-voltage and low-power are essential.
To allow for simple in-system reprogrammability, the AT45DB161D does not require high input voltages for
programming. The device operates from a single power supply, 2.5V to 3.6V or 2.7V to 3.6V, for both the program
and read operations. The AT45DB161D is enabled through the chip select pin (CS) and accessed via a three-wire
interface consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
2.
Pin Configurations and Pinouts
Note:
1. The metal pad on the bottom of the MLF package is floating. This pad can be a “No Connect” or connected to GND
Figure 2-1.
TSOP Top View: Type 1
Figure 2-2.
BGA Package Ball-out
(Top View)
Figure 2-3.
MLF (VDFN) Top View
Figure 2-4.
SOIC Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
A
B
C
D
E
5
4
3
2
1
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VCC
GND
SCK
CS
RDY/BSY
WP
SI
SO
RESET
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com