Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS21FT40 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS21FT40
Description  Four x Three 12 Channel E1 Framer
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT40 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS21FT40 Datasheet HTML 35Page - Dallas Semiconductor DS21FT40 Datasheet HTML 36Page - Dallas Semiconductor DS21FT40 Datasheet HTML 37Page - Dallas Semiconductor DS21FT40 Datasheet HTML 38Page - Dallas Semiconductor DS21FT40 Datasheet HTML 39Page - Dallas Semiconductor DS21FT40 Datasheet HTML 40Page - Dallas Semiconductor DS21FT40 Datasheet HTML 41Page - Dallas Semiconductor DS21FT40 Datasheet HTML 42Page - Dallas Semiconductor DS21FT40 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
DS21FT40
39 of 87
IMR2: INTERRUPT MASK REGISTER 2 (Address=17 Hex)
(MSB)
(LSB)
RMF
RAF
TMF
SEC
TAF
LOTC
RCMF
TSLIP
SYMBOLS
POSITION
NAME AND DESCRIPTION
RMF
IMR2.7
Receive CAS Multiframe.
0=interrupt masked
1=interrupt enabled
RAF
IMR2.6
Receive Align Frame.
0=interrupt masked
1=interrupt enabled
TMF
IMR2.5
Transmit Multiframe.
0=interrupt masked
1=interrupt enabled
SEC
IMR2.4
One Second Timer.
0=interrupt masked
1=interrupt enabled
TAF
IMR2.3
Transmit Align Frame.
0=interrupt masked
1=interrupt enabled
LOTC
IMR2.2
Loss Of Transmit Clock.
0=interrupt masked
1=interrupt enabled
RCMF
IMR2.1
Receive CRC4 Multiframe.
0=interrupt masked
1=interrupt enabled
TSLIP
IMR2.0
Transmit Side Elastic Store Slip Occurrence.
0=interrupt masked
1=interrupt enabled
7. ERROR COUNT REGISTERS
There are a set of four counters in each framer that record bipolar or code violations, errors in the CRC4
SMF code words, E bits as reported by the far end, and word errors in the FAS. Each of these four
counters are automatically updated on either one second boundaries (CCR2.7=0) or every 62.5 ms
(CCR2.7=1) as determined by the timer in Status Register 2 (SR2.4). Hence, these registers contain
performance data from either the previous second or the previous 62.5 ms. The user can use the interrupt
from the one second timer to determine when to read these registers. The user has a full second (or 62.5
ms) to read the counters before the data is lost.
All four counters will saturate at their respective
maximum counts and they will not rollover.
BPV or Code Violation Counter
Violation Count Register 1 (VCR1) is the most significant word and VCR2 is the least significant word of
a 16–bit counter that records either BiPolar Violations (BPVs) or Code Violations (CVs). If CCR2.6=0,
then the VCR counts bipolar violations. Bipolar violations are defined as consecutive marks of the same
polarity. In this mode, if the HDB3 mode is set for the receive side via CCR1.2, then HDB3 code words
are not counted as BPVs. If CCR2.6=1, then the VCR counts code violations as defined in ITU O.161.
Code violations are defined as consecutive bipolar violations of the same polarity. In most applications,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com