| Electronic Components Datasheet Search |
|
DS21FT40 Datasheet(PDF) 49 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS21FT40 Datasheet(HTML) 49 Page - Dallas Semiconductor |
|
49 / 87 page ![]() DS21FT40 49 of 87 TC1 TO TC32: TRANSMIT CHANNEL REGISTERS (Address=60 to 7F Hex) (for brevity, only channel one is shown; see Table 3-1 for other register address) (MSB) (LSB) C7 C6 C5 C4 C3 C2 C1 C0 TC1 (60) SYMBOLS POSITION NAME AND DESCRIPTION C7 TC1.7 MSB of the Code (this bit is transmitted first) C0 TC1.0 LSB of the Code (this bit is transmitted last) TCC1/TCC2/TCC3/TCC4: TRANSMIT CHANNEL CONTROL REGISTER (Address=A0 to A3 Hex) (MSB) (LSB) CH8 CH7 CH6 CH5 CH4 CH3 CH2 CH1 TCC1 (A0) CH16 CH15 CH14 CH13 CH12 CH11 CH10 CH9 TCC2 (A1) CH24 CH23 CH22 CH21 CH20 CH19 CH18 CH17 TCC3 (A2) CH32 CH31 CH30 CH29 CH28 CH27 CH26 CH25 TCC4 (A3) SYMBOLS POSITION NAME AND DESCRIPTION CH1 - 32 TCC1.0 - 4.7 Transmit Code Insertion Control Bits 0 = do not insert data from the TC register into the transmit data stream 1 = insert data from the TC register into the transmit data stream 10.2 RECEIVE SIDE CODE GENERATION On the receive side, the Receive Channel Control Registers (RCC1/2/3/4) are used to determine which of the 32 E1 channels off of the E1 line and going to the backplane should be overwritten with the code placed in the Receive Channel Registers (RC1 to RC32). This method allows a different 8–bit code to be placed into each of the 32 E1 channels. RC1 TO RC32: RECEIVE CHANNEL REGISTERS (Address=80 to 9F Hex) (for brevity, only channel one is shown; see Table 3-1 for other register address) (MSB) (LSB) C7 C6 C5 C4 C3 C2 C1 C0 RC1 (80) SYMBOLS POSITION NAME AND DESCRIPTION C7 RC1.7 MSB of the Code (this bit is sent first to the backplane) C0 RC1.0 LSB of the Code (this bit is sent last to the backplane) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |