Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48ASSP1S2M6RBT Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 48ASSP1S2M6RBT
Description  Slide Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

48ASSP1S2M6RBT Datasheet(HTML) 3 Page - Grayhill, Inc

  48ASSP1S2M6RBT Datasheet HTML 1Page - Grayhill, Inc 48ASSP1S2M6RBT Datasheet HTML 2Page - Grayhill, Inc 48ASSP1S2M6RBT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
1
2
3
4
5
6
EPOXY
SEAL
.186
(4.72)
.152
(3.86)
.014
(0.36)
.500
(12.70)
.030
(0.76)
.150
(3.81)
.106
(2.69)
.500
(12.70)
.175
(4.45)
.046
(1.17)
.450
(6.60)
.175
(4.45)
.150
(3.81)
Ø.073
(Ø1.85)
.150
(4.83)
.106
(2.69)
.500
(12.70)
.190
(4.83)
12
3
45
6
.350
(8.90)
.181
(4.60)
.314
(8.00)
.152
(3.86)
.046
(1.17)
.125
(3.18)
.152
(3.86)
.620
(15.75)
.014
(0.36)
.185
(4.70)
.030
(0.76)
.186
(4.72)
.620
(15.75)
.185
(4.70)
.125
(3.18)
Ø.073
(Ø1.85)
.400
(10.16)
.314
(8.00)
.152
(3.86)
.046
(1.17)
.125
(3.18)
.152
(3.86)
.620
(15.75)
.014
(0.36)
.185
(4.70)
.030
(0.76)
.186
(4.72)
.620
(15.75)
.185
(4.70)
.125
(3.18)
Ø.073
(Ø1.85)
.184
(4.67)
.190
(4.83)
.492
(12.50)
TERMINATION OPTIONS In inches (and millimeters)
V2
Vertical Bracket P.C. Mount
SPECIFICATIONS
RATINGS
Contact Rating: Q option - 5A with resistive
load @ 125 VAC or 28 VDC; 2A with resistive
load @ 250 VAC. R option - 0.4 VA max @ 20
Vmax (AC or DC)
Electrical Life: 30,000 cycles at full load
Contact Resistance: 10 milliohms max. initial
@ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,000 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
MATERIALS
Case: Diallyl phthalate (DAP) (UL94V-0)
Housing: Stainless steel
Slide Handle: Nylon
Terminal/Contacts: Copper alloy with gold
over silver plate.
Terminal Seal: Epoxy
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor or Grayhill.
Series 48A: Slide Switches
DPDT
SPDT
DPDT
48ASSP1S2M6RBT
RoHS Compliant
Mounting Options: A = Mounting Tabs, B= No Mounitng Tabs
Contacts: R = Copper alloy, gold plate over nickel plate,
Q = Copper alloy, silver plate
Termination Options: M1, M2, M3, M6, V2
(See Termination options.)
Actuator Options: S1, S2, S3, S4, S5, S6, S7, T1
(See Actuator options.)
Model: SPDT: SSP1, SSP2, SSP3
DPDT: SDP1, SDP3
Series 48A Slide Switches
Slide
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com