Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48ASSP1S2M6RBT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 48ASSP1S2M6RBT
Description  Slide Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

48ASSP1S2M6RBT Datasheet(HTML) 1 Page - Grayhill, Inc

  48ASSP1S2M6RBT Datasheet HTML 1Page - Grayhill, Inc 48ASSP1S2M6RBT Datasheet HTML 2Page - Grayhill, Inc 48ASSP1S2M6RBT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
OPEN
2-1
SSP2
SSP3
SSP1
NONE
ON
ON
OFF
ON
NONE
2-3
(ON)
ON
ON
TERM. COMM.
OPEN
2-1,5-4
SDP3
SDP1
OFF
ON
ON
NONE
2-3,5-6
ON
ON
TERM. COMM.
SWITCH POSITION
MODEL
NO.
SWITCH POSITION
MODEL
NO.
02COMM.
1
3
05COMM.
4
6
02COMM.
1
3
SCHEMATIC
SCHEMATIC
()=MOMENTARY
()=MOMENTARY
1
2
3
.770
(19.56)
.690
(17.53)
TRAVEL
.085
(2.16)
.240
(6.10)
.250
(6.35)
.200
(5.08)
.155
(3.94)
.152
(3.86)
.030
(0.76)
.185
(4.70)
.500
(12.70)
.260
(6.60)
.080
(2.03)
EPOXY SEAL
1
2
3
4
5
6
.770
(19.56)
.690
(17.53)
TRAVEL
.085
(2.16)
.240
(6.10)
.250
(6.35)
.200
(5.08)
.155
(3.94)
.152
(3.86)
.030
(0.76)
.185
(4.70)
.500
(12.70)
EPOXY SEAL
.450
(11.43)
.190
(4.83)
.080
(2.03)
.152 SQ.
(3.86)
.200
(5.08)
.152 SQ.
(3.86)
.285
(7.24)
.152 SQ.
(3.86)
.370
(9.40)
.152 SQ.
(3.86)
.140
(3.56)
S2
SERIES 48A
Slide Switches
FEATURES
• Save Space and Weight
• SPDT and DPDT Circuitry
• Choice of Actuations and
Terminations
MODELS In inches (and millimeters)
SPDT
DPDT
ACTUATOR OPTIONS In inches (and millimeters)
S1
Std
S3
S4
Series 48A: Slide Switches
Slide
4


Similar Part No. - 48ASSP1S2M6RBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48AN007 ETC2-48AN007 Datasheet
122Kb / 2P
Nuts
48AN008 ETC2-48AN008 Datasheet
120Kb / 2P
Nut
48AN009 ETC2-48AN009 Datasheet
121Kb / 2P
Nut
logo
M-System Co.,Ltd.
48AV MSYSTEM-48AV Datasheet
157Kb / 5P
Bargraph Indicators 48 Series
48AV-2CH0-K MSYSTEM-48AV-2CH0-K Datasheet
157Kb / 5P
Bargraph Indicators 48 Series
More results

Similar Description - 48ASSP1S2M6RBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com