Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FD-NFM2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FD-NFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-NFM2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FD-NFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 11Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
138
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
DIMENSIONS (Unit: mm in)
Refer to p.106~ for fiber dimensions.
The CAD data in the dimensions can be downloaded from the website: http://www.sunx.com
10
0.394
64.5 2.539
13.5
0.531
35 1.378
5.5
0.217
50 1.969
4.1
0.161
2
0.079
3
0.118
ø3.2
ø0.126
1.1
0.043
9
0.354
7
0.276
1
0.039
8.1
0.319
3.2
0.126
2.7
0.106
4
0.157
0.8
0.031
6
0.236
6
0.236
10.85
0.427
12.2
0.480
0.7 0.028
MODE key
ON key / Setting value UP key
OFF key / Setting value DOWN key
Operation indicator (Orange)
Digital display (Green, Red)
29 1.142
47 1.850
30
1.181
10
0.394
ø6.5
ø0.256
Suitable for 35 mm 1.378 in width DIN rail
4.1
0.161
2.7
0.106
0.8
0.031
6 0.236
6 0.236
20
0.787
47 1.850
29 1.142
12.2
0.480
0.7
0.028
MODE key
ON key / Setting value UP key
OFF key / Setting value DOWN key
Operation indicator (Orange)
Digital display (Green, Red)
FX-101□ FX-102□
Amplifier
FX-101(P)-Z FX-102(P)-Z
Amplifier
5
0.197
24.5
0.965
1
0.039
4
0.157
11.5
0.453
35
1.378
9
0.354
9.25
0.364
15
0.591
1
0.039
ø3.2 ø0.126
ø3.2 ø0.126
3.2
0.126
3.2
0.126
7.2 mm 0.283 in
spot facing, 4 0.157 deep
6.2 mm 0.244 in
spot facing, 3 0.118 deep
ø7.2 mm ø0.283 in
spot facing, 4 0.157 deep
ø6.2 mm ø0.244 in
spot facing, 3 0.118 deep
1.6
0.063
32
1.260
4
0.157
5.6
0.220
2.75 0.108
M3 (Iength 18 mm 0.709 in) pan head screws
M3 Square nut
24.7
0.972
15
0.591
3 0.118
3
0.118
60
2.362
Suitable for 35 mm 1.378 in width DIN rail
MS-DIN-4
Amplifer mounting bracket (Optional)
MS-DIN-E
End plate (Optional)
Material: PBT
Material: Polycarbonate
(
)
(
)
( )
ø3.7 ø0.146 cable
8
0.315
L
35
1.378
50
1.969
8
0.315
( )
Model No.
Length L
CN-14A(-R)-C1
1,000 39.370
CN-14A(-R)-C2
2,000 78.740
CN-14A(-R)-C3
3,000 118.110
CN-14A(-R)-C5
5,000 196.850
CN-14A-C2 is attached FX-101(P)-CC2 / FX-102(P)-CC2
CN-14A-C□ CN-14A-R-C□
Connector attached cable (Optional)
• Length L
Assembly dimensions with optional protective cover
(FC-FX-1)
10
0.394
9
0.354
64.5 2.539
13.5
0.531
35 1.378
5.5 0.217
50 1.969
66.2
2.606
2
0.079
2 0.079
2 0.079
3 0.118
1.1
0.043
7
0.276
0.8
0.031
30
1.181
8.1
0.319
10
0.394
3.2
0.126
4
0.157
6 0.236
0.75 0.030
Suitable for 35 mm 1.378 in width DIN rail
ø3.2
ø0.126
0.8
0.031
1.1
0.043
10
0.394
7
0.276
9
0.354
4
0.157
5.5 0.217
13.5
0.531
50 1.969
35 1.378
64.5 2.539
2
0.079
3.2
0.126
8.1
0.319
10
0.394
30
1.181
1
0.039
Suitable for 35 mm 1.378 in width DIN rail
ø3.2
ø0.126
3 0.118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com