Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FD-NFM2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FD-NFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-NFM2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FD-NFM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-NFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
125 DigitalFiberSensorFX-100SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC CONTROL
DEVICES
LASER
MARKERS
FIBER
SENSORS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FX-100
Fiber Sensor
Amplifiers
The emitted light and output indicator flash
at the same frequency.
Attenuation function [SET mode]
If the light receiving level becomes saturated when
sensing over short distances or when sensing
transparent objects or minute objects, the light emitting
amount can be reduced so that stable sensing can be
provided without needing to change the response time.
Teaching using ON / OFF buttons [SET mode]
Simply press the ON button when an object is present
and OFF when it is not. There is no need to switch
settings or make judgments between Light-ON (
)
and Dark-ON (
).
Interference prevention function [SET mode]
The emission frequencies can be set separately for
each unit in order to avoid interference. The emitted light
flashes while setting is in progress, so that you can see
at a glance which fiber sensor is currently being set.
In addition, this interference prevention is not done by
using optical communication. This means that there is no
need to place the amplifiers close together like there was
before, and so the amplifiers can be set up apart from
each other.
FX-101□: Interference prevention for up to 3 units
FX-102□: Interference prevention for up to 4 units
Multi-function external input [PRO mode]
Settings such as emission
halt, limit / auto teaching
and ECO settings can be
carried out via external
input.
(Brown)
+V
(Blue) 0 V
(White) External input
(Black) Output
External input lines are
equipped as standard
Alert function [PRO mode]
When the amount light received approaches the
threshold value, the display can be made to blink in
order to alert the operator.
* When the emission frequencies are changed, the response times will
also change.
Thru-beam type / Retroreflective type
<Setting example>
Reflective type
Object present ON
Object absent OFF
Object present ON
Object absent OFF
Limit teaching function
This carries out teaching and sets threshold values only
when no object is present (when the incident light amount
is stable). This is useful when sensing objects if there
are other objects in the background and when sensing
minute objects. Teaching can also be carried out using
external input.
Threshold tracking function [PRO mode]
This function seeks changes
in the light emitting amount
resulting from changes in
the environment over long
periods (such as dust levels),
so that the incident light
intensity can be checked
at desired intervals and the
threshold values can be reset
automatically.
Time
Current value
The amount of light
received when there
is no object
Threshold value
GETA function [PRO mode]
The display value for the incident light intensity can be offset
by the desired value (target value). The target value can be set
to between 0 and 2,000 (in increments of 100). For example, if
the incident light intensity is 1,500 and the target value is set to
2,000, then “2,000” will appear in the digital display.
Unify at 500 using
the GETA function
Variations in the amount of light received
<When using at a shift amount of 20% and a threshold value of 1,000>
The amount of light received ranges from about 900 to 1,100
when the digital indicator flashes.
Range of the digital indicator flashing
(margin: small)
1,100 approx.
900 approx.
Threshold value
of 1,000
The digital indicator flashes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com