Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLED7001 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ZLED7001 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
5 of 15
1
IC Characteristics
1.1.
Absolute Maximum Ratings
Table 1.1
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage
VIN
-0.3
8
V
1.1.2
Voltage to GND at pin CS,
LD, PWMD, GATE, TOFF,
VREF
VCS, VLD,
VPWMD,
VGATE,
VTOFF, VVREF
-0.3
6
V
1.1.3
Input current VIN pin
1
IVIN
1
10
mA
1.1.4
Junction temperature
Tj MAX
150
°C
1.1.5
Storage temperature
TST
-55
150
°C
1.2.
Operating Conditions
Table 1.2
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
TOP
-40
+85
°C
1.2.2
Input DC supply voltage
VINDC
Resistor RIN required
between DC supply
voltage and VIN pin with
resistance determined by
equation (2) and with
proper voltage rating.
2
8
450
V
1.3.
Electrical Parameters
Production testing of the chip is performed at 25°C. Functional operation of the chip and specified parameters
at other temperatures are guaranteed by design, characterization, and process control.
Test conditions: VIN = 12V; Tamb = 25°C; RIN=2kΩ; unless otherwise noted.
Table 1.3
Electrical Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
VIN clamp voltage
VINCL
Always higher than under
voltage lockout threshold
6.6
7.1
7.6
V
1.3.2
Operation current
IIN
VIN= 6V, GATE floating
0.33
0.5
0.64
mA
1.3.3
Under voltage lockout
threshold
VULO
VIN rising
6.1
6.5
6.8
V
1.3.4
Under voltage lockout
hysteresis
ΔVULO
VIN falling
500
mV
1.3.5
PWMD pin input low
voltage
VENL
1.2
V
1 Beyond the input current range, VIN might not clamp at 7.1V
2 This parameter limit is guaranteed by design, characterization, and application check. See equation (2) on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com