Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLED7001 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZLED7001
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7001 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZLED7001 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7001 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
6 of 15
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.6
PWMD pin input high
voltage
VENH
2
V
1.3.7
PWMD pin pull-up
resistance
REN
100
kΩ
1.3.8
Current sense threshold
voltage
VCSTH
215
240
265
mV
1.3.9
LD pin voltage low
threshold
VLDL
50
mV
1.3.10
LD pin voltage high
threshold
VLDH
240
mV
1.3.11
Current sense blanking
interval
TBLANK
400
480
550
ns
1.3.12
Output delay
tDELAY
VCS = VCSTH + 50mV,
after TBLANK
30
ns
1.3.13
OFF time
TOFF
TOFF pin floating
480
510
550
ns
1.3.14
GATE output rise time
tRISE
CGATE = 500pF
19
ns
1.3.15
GATE output fall time
tFALL
CGATE = 500pF
29
ns
1.3.16
REF pin voltage
VREF
1.12
1.20
1.30
V
1.3.17
REF pin load current
IREF
0.5
mA
1.3.18
Load regulation of
reference voltage
VREFLOAD
IREF = 0 to 500µA,
PWMD = 5.0V
0.5
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com