Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXSP20N60B2D1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXSP20N60B2D1
Description  High Speed IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP20N60B2D1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXSP20N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IXSA 20N60B2D1
IXSP 20N60B2D1
Fig. 14. Gate Charge
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
Q G - nanoCoulombs
VCE = 480V
I C = 16A
I G = 10mA
Fig. 15. Capacitance
10
100
1,000
0
5
10
15
20
25
30
35
40
VC E - Volts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. De pendence of Turn-off
Sw itching Tim e on Tem perature
80
100
120
140
160
180
200
220
240
260
280
300
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
IC = 32A
td(off)
tfi - - - - -
RG = 10Ω
VGE = 15V
VCE = 400V
IC = 16A
IC = 8A
IC = 32A
Fig. 16. Reverse -Bias Safe
Operating Area
0
3
6
9
12
15
18
21
24
27
30
33
100
200
300
400
500
600
VC E - Volts
TJ = 125ºC
RG = 10Ω
dV/dT < 10V/ns
Fig. 17. Maxim um Transient Therm al Resistance
0.10
1.00
1
10
100
1,000
Pulse Width - milliseconds
0.50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com