Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXSP20N60B2D1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXSP20N60B2D1
Description  High Speed IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP20N60B2D1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXSP20N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXSP20N60B2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXSA 20N60B2D1
IXSP 20N60B2D1
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,381,025
6,162,665
6,306,728 B1 6,534,343
6,683,344
one or moreof the following U.S. patents:
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,486,715
6,259,123B1 6,404,065B1 6,583,505
6,710,405B2
IXYS reserves the right to change limits, test conditions, and dimensions.
Fig. 20. Peak reverse current I
RM
Fig. 19. Reverse recovery charge Q
r
Fig. 18. Forward current I
F versus VF
Fig. 21. Dynamic parameters Q
r, IRM
Fig. 22. Recovery time t
rr versus -diF/dt
Fig. 23. Peak forward voltage V
FR and
Fig. 24. Transient thermal resistance junction-to-case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
1.449
0.0052
2
0.5578
0.0003
NOTE: Fig. 18 to Fig. 23 shows typical values
200
600
1000
0
400
800
40
60
80
100
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
C
-di
F/dt
t
s
K/W
0
200
400
600
800 1000
0
20
40
60
0.0
0.1
0.2
0.3
V
FR
di
F/dt
V
200
600
1000
0400
800
0
2
4
6
8
10
100
1000
0
50
100
150
200
250
0123
0
5
10
15
20
25
30
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
μs
A
V
nC
A/
μs
A/
μs
t
rr
ns
t
fr
Z
thJC
A/
μs
μs
T
VJ = 150°C
T
VJ = 100°C
T
VJ = 25°C
I
RM
Q
r
V
FR
T
VJ = 100°C
V
R = 300 V
T
VJ = 100°C
V
R = 300 V
T
VJ = 100°C
V
R = 300 V
DSEP 8-06B
t
fr
I
F =
5 A
I
F = 10 A
I
F = 20 A
I
F =
5 A
I
F = 10 A
I
F = 20 A
I
F =
5 A
I
F = 10 A
I
F = 20 A
T
VJ = 100°C
I
F = 10 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com