Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP43204 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP43204
Description  50 廓 RF Digital Attenuator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43204 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP43204 Datasheet HTML 1Page - SIPAT Co,Ltd SP43204 Datasheet HTML 2Page - SIPAT Co,Ltd SP43204 Datasheet HTML 3Page - SIPAT Co,Ltd SP43204 Datasheet HTML 4Page - SIPAT Co,Ltd SP43204 Datasheet HTML 5Page - SIPAT Co,Ltd SP43204 Datasheet HTML 6Page - SIPAT Co,Ltd SP43204 Datasheet HTML 7Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product Specification
SP43204
Page 3 of 7
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
0dB
6dB
12dB
18dB
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
-40C
+25C
+85C
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
-40C
+25C
+85C
0
10
20
30
40
50
60
70
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Frequency (MHz.)
0dB
6dB
12dB
18dB
Figure 7. Output Return Loss vs Attenuation
@ T = +25C
Figure 8. Input Return Loss vs Temperature
@ 12dB State
Figure 10. Relative Phase* vs Frequency
@ T = +25C
Figure 11. Input IP3 vs Attenuation Setting
@ T = +25C
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
0dB
6dB
12dB
18dB
Figure 12. Attenuation Error vs. Attenuation
Setting @ 3000 MHz
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
06
12
18
Attenuation Setting(dB.)
-40C
+25C
+85C
*Relative Phase = Phase (attenuation state) – Phase (Insertion Loss state)
Figure 9. Output Return Loss vs Temperature
@ 12dB State
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com