Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP43204 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP43204
Description  50 廓 RF Digital Attenuator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43204 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP43204 Datasheet HTML 1Page - SIPAT Co,Ltd SP43204 Datasheet HTML 2Page - SIPAT Co,Ltd SP43204 Datasheet HTML 3Page - SIPAT Co,Ltd SP43204 Datasheet HTML 4Page - SIPAT Co,Ltd SP43204 Datasheet HTML 5Page - SIPAT Co,Ltd SP43204 Datasheet HTML 6Page - SIPAT Co,Ltd SP43204 Datasheet HTML 7Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Specification
SP43204
Page 4 of 7
GND
RF1
NC
3
2
1
9
8
7
12
11
10
6
5
4
GND
RF2
NC
Exposed
ground paddle
Table 2. Pin Descriptions
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package
must be grounded for proper device operation.
Figure 13. Pin Configuration (Top View)
Pin No.
Pin Name
Description
1
GND
Ground
2
RF12
RF1 port
3
NC1
No Connect
4
NC1
No Connect
5
NC1
No Connect
6
NC1
No Connect
7
NC1
No Connect
8
RF22
RF2 port
9
GND
Ground
10
C2
Attenuation control bit, 12 dB
11
C1
Attenuation control bit, 6 dB
12
VDD
Power Supply Pin
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, SIPAT'S CMOS
devices are immune to latch-up.
Table 4. Operating Ranges
Table 5. Absolute Maximum Ratings
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
3.0
3.3
3.6
V
IDD Power Supply Current
8
200
µA
Digital Input High
0.7xVDD
3.6
V
Digital Input Low
0
0.3xVDD
V
Digital Input Leakage
10
µA
PIN Input power (50Ω)
20 MHz
≤ 4.0 GHz
+23
dBm
TOP Operating temperature range
-40
25
85
°C
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any Digital input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
PIN
Input power (50
Ω)
20 MHz
≤ 4.0 GHz
+23
dBm
VESD
ESD voltage (Human Body Model,
MIL_STD 883 Method 3015.7)
2000
V
Table 3. Attenuation Word Truth Table
C1
C2
Attenuation Setting RF1-RF2
L
L
Reference I.L.
H
L
6 dB
L
H
12 dB
H
H
18 dB
Notes: 1. Pins 3 through 7 may be tied to ground if desired, but
they are not connected to ground internal to the package
2. All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the SP43204 in
the 12-lead 3x3 QFN package is MSL1.
Switching Frequency
The SP43204 has a maximum 25 kHz switching rate.
Switching rate is defined to be the speed at which the
DSA can be toggled across attenuation states.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com