Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM708MS Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM708MS
Description  Supply Voltage Supervisor w/Watchdog Input and Manual Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM708MS Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM708MS Datasheet HTML 4Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 5Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 6Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 7Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 8Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 9Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 10Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 11Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 May.2014
8/15
UM706xS/UM708xS
Typical Operating Characteristics
RESET Output Voltage vs. Supply Voltage
RESET Response Time
RESET, RESET
______________
Assertion
RESET, RESET
______________
De-assertion
(e)
(f)
VCC
RESET
500ms/div
RESET
RESET
______________
200ns/div
RESET
RESET
_____________
200ns/div
VCC
RESET
2μs/div
2V/div
2V/div
2V/div
2V/div
2V/div
2V/div
2V/div
2V/div
VCC
GND
RESET
10kΩ
330pF
(e)
(e)
(f)
(f)
VCC
GND
RESET
10kΩ
330pF
RESET
10kΩ
330pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com