Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM708MS Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM708MS
Description  Supply Voltage Supervisor w/Watchdog Input and Manual Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM708MS Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM708MS Datasheet HTML 1Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 2Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 3Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 4Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 5Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 6Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 7Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 8Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 May.2014
1/15
UM706xS/UM708xS
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706xS SOP8
UM708xS SOP8
General Description
The UM706xS/UM708xS series are cost effective system power supply supervisory circuits
designed to monitor the power supplies in digital systems.
The UM706xS provides power-supply monitoring circuitry that generates a reset output during
power-up, power-down, and brownout conditions. The reset output remains operational with VCC
as low as 1V. Independent watchdog monitoring circuitry is also provided. This is activated if the
watchdog input has not been toggled within 1.6 seconds. In addition, there is a 1.25V threshold
detector for power-fail warning, low battery detection, or to monitor an additional power supply.
An active low debounced manual reset input is also included.
The UM708xS is the same as the UM706xS, except an active-high reset is substituted for the
watchdog timer. All parts are available in a small outline SOP8 package.
Applications
Features
Applications using DSPs, Microcontrollers
or Microprocessors
Programmable Controls
Computers
Embedded System
Industrial Equipments
Intelligent Instrument
Wireless Communications Systems
Wide Operation Voltage Range of 1V to 5.5V
Correct
Logic
Output
Guaranteed
to
VCC=1.0V
Precision Supply-Voltage Monitor: 2.63V,
2.93V, 3.08V,4.38V,4.63V
200ms Reset Pulse Width
Independent Watchdog Timer-1.6s Timeout
(UM706xS)
Active-high Reset Output (UM708xS)
Voltage
Monitor
for
Power-Fail
or
Low-Battery Warning
Temperature Range: -40°C to +85°C
Supply Current of 80μA (Typ.)
Pin Configurations
Top View
1
2
3
4
5
6
7
8
MR
VCC
GND
PFI
PFO
WDI(NC)*
RESET
WDO(RESET)*
UM706xS
( )* for UM708xS
1
2
3
4
5
6
7
8
UM706(708)*
XS
XX
XX: Week Code
( )* for UM708xS


Similar Part No. - UM708MS

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM708MS UNIONSEMI-UM708MS Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
More results

Similar Description - UM708MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Union Semiconductor, In...
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com