| Electronic Components Datasheet Search |
|
EP4CE22 Datasheet(PDF) 79 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE22 Datasheet(HTML) 79 Page - Altera Corporation |
|
79 / 488 page ![]() Chapter 5: Clock Networks and PLLs in Cyclone IV Devices 5–17 Clock Networks October 2012 Altera Corporation Cyclone IV Device Handbook, Volume 1 Figure 5–7 shows how to implement the clkena signal with a single register. 1 The clkena circuitry controlling the output C0 of the PLL to an output pin is implemented with two registers instead of a single register, as shown in Figure 5–7. Figure 5–8 shows the waveform example for a clock output enable. The clkena signal is sampled on the falling edge of the clock (clkin). 1 This feature is useful for applications that require low power or sleep mode. The clkena signal can also disable clock outputs if the system is not tolerant to frequency overshoot during PLL resynchronization. Altera recommends using the clkena signals when switching the clock source to the PLLs or the GCLK. The recommended sequence is: 1. Disable the primary output clock by de-asserting the clkena signal. 2. Switch to the secondary clock using the dynamic select signals of the clock control block. 3. Allow some clock cycles of the secondary clock to pass before reasserting the clkena signal. The exact number of clock cycles you must wait before enabling the secondary clock is design-dependent. You can build custom logic to ensure glitch-free transition when switching between different clock sources. Figure 5–7. clkena Implementation DQ clkena clkena_out clk_out clkin Figure 5–8. clkena Implementation: Output Enable clkin clkena clk_out |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |