| Electronic Components Datasheet Search |
|
EP4CE22 Datasheet(PDF) 39 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE22 Datasheet(HTML) 39 Page - Altera Corporation |
|
39 / 488 page ![]() Chapter 3: Memory Blocks in Cyclone IV Devices 3–3 Overview November 2011 Altera Corporation Cyclone IV Device Handbook, Volume 1 Control Signals The clock-enable control signal controls the clock entering the input and output registers and the entire M9K memory block. This signal disables the clock so that the M9K memory block does not see any clock edges and does not perform any operations. The rden and wren control signals control the read and write operations for each port of M9K memory blocks. You can disable the rden or wren signals independently to save power whenever the operation is not required. Parity Bit Support Parity checking for error detection is possible with the parity bit along with internal logic resources. Cyclone IV devices M9K memory blocks support a parity bit for each storage byte. You can use this bit as either a parity bit or as an additional data bit. No parity function is actually performed on this bit. Byte Enable Support Cyclone IV devices M9K memory blocks support byte enables that mask the input data so that only specific bytes of data are written. The unwritten bytes retain the previous written value. The wren signals, along with the byte-enable (byteena) signals, control the write operations of the RAM block. The default value of the byteena signals is high (enabled), in which case writing is controlled only by the wren signals. There is no clear port to the byteena registers. M9K blocks support byte enables when the write port has a data width of ×16, ×18, ×32, or ×36 bits. Byte enables operate in one-hot manner, with the LSB of the byteena signal corresponding to the least significant byte of the data bus. For example, if byteena = 01 and you are using a RAM block in ×18 mode, data[8..0] is enabled and data[17..9] is disabled. Similarly, if byteena = 11, both data[8..0] and data[17..9] are enabled. Byte enables are active high. Table 3–2 lists the byte selection. Table 3–2. byteena for Cyclone IV Devices M9K Blocks (1) byteena[3..0] Affected Bytes datain ×16 datain ×18 datain ×32 datain ×36 [0] = 1 [7..0] [8..0] [7..0] [8..0] [1] = 1 [15..8] [17..9] [15..8] [17..9] [2] = 1 — — [23..16] [26..18] [3] = 1 — — [31..24] [35..27] Note to Table 3–2: (1) Any combination of byte enables is possible. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |