Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF8282AV Datasheet(PDF) 18 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 18 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 14Page - Altera Corporation EPF8282AV Datasheet HTML 15Page - Altera Corporation EPF8282AV Datasheet HTML 16Page - Altera Corporation EPF8282AV Datasheet HTML 17Page - Altera Corporation EPF8282AV Datasheet HTML 18Page - Altera Corporation EPF8282AV Datasheet HTML 19Page - Altera Corporation EPF8282AV Datasheet HTML 20Page - Altera Corporation EPF8282AV Datasheet HTML 21Page - Altera Corporation EPF8282AV Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
18
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Figure 9. FLEX 8000 Device Interconnect Resources
Each LAB is named according to its physical row (A, B, C, etc.) and column (1, 2, 3, etc.) position within the device.
I/O Element
An IOE contains a bidirectional I/O buffer and a register that can be used
either as an input register for external data that requires a fast setup time,
or as an output register for data that requires fast clock-to-output
performance. IOEs can be used as input, output, or bidirectional pins. The
MAX+PLUS II Compiler uses the programmable inversion option to
automatically invert signals from the row and column interconnect where
appropriate. Figure 10 shows the IOE block diagram.
IOE
IOE
IOE
IOE
LAB
A1
LAB
A2
LAB
B1
LAB
B2
LAB Local
Interconnect
Column
Interconnect
Row
Interconnect
Cascade &
Carry Chain
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
See Figure 11
for details.
See Figure 12
for details.
1
8
1
8
1
8
IOE
IOE
1
8
IOE
IOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62