Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPF8282AV Datasheet(PDF) 23 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 23 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 19Page - Altera Corporation EPF8282AV Datasheet HTML 20Page - Altera Corporation EPF8282AV Datasheet HTML 21Page - Altera Corporation EPF8282AV Datasheet HTML 22Page - Altera Corporation EPF8282AV Datasheet HTML 23Page - Altera Corporation EPF8282AV Datasheet HTML 24Page - Altera Corporation EPF8282AV Datasheet HTML 25Page - Altera Corporation EPF8282AV Datasheet HTML 26Page - Altera Corporation EPF8282AV Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
Altera Corporation
23
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Table 5 lists the source of the peripheral control signal for each FLEX 8000
device by row.
Output
Configuration
This section discusses slew-rate control and MultiVolt I/O interface
operation for FLEX 8000 devices.
Slew-Rate Control
The output buffer in each IOE has an adjustable output slew rate that can
be configured for low-noise or high-speed performance. A slow slew rate
reduces system noise by slowing signal transitions, adding a maximum
delay of 3.5 ns. The slow slew-rate setting affects only the falling edge of
a signal. The fast slew rate should be used for speed-critical outputs in
systems that are adequately protected against noise. Designers can specify
the slew rate on a pin-by-pin basis during design entry or assign a default
slew rate to all pins on a global basis.
f For more information on high-speed system design, go to Application
Note 75 (High-Speed Board Designs).
Table 5. Row Sources of FLEX 8000 Peripheral Control Signals
Peripheral
Control Signal
EPF8282A
EPF8282AV
EPF8452A
EPF8636A
EPF8820A
EPF81188A
EPF81500A
CLK0
Row A
Row A
Row A
Row A
Row E
Row E
CLK1/OE1
Row B
Row B
Row C
Row C
Row B
Row B
CLR0
Row A
Row A
Row B
Row B
Row F
Row F
CLR1/OE0
Row B
Row B
Row C
Row D
Row C
Row C
OE2
Row A
Row A
Row A
Row A
Row D
Row A
OE3
Row B
Row B
Row B
Row B
Row A
Row A
OE4
–––––
Row B
OE5
–––––
Row C
OE6
–––––
Row D
OE7
–––––
Row D
OE8
–––––
Row E
OE9
–––––
Row F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62