Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP03/175-12 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP03/175-12
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/175-12 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP03/175-12 Datasheet HTML 1Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 2Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 3Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 4Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 5Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 6Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 7Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 8Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP03XXX 175 Series
1/10
Code
Circuit
HBT
HBP
HBN
VOLTAGE RATINGS
Repetitive
Peak
Voltages
V
DRM VRRM
Type
Number
Conditions
1600
1400
1200
1000
MP03/175-16
MP03/175-14
MP03/175-12
MP03/175-10
T
(Vj) = 125
oC
I
DRM = IRRM = 30mA
V
DSM
& V
RSM
=
V
DRM
& V
RRM
+ 100V
respectively
Lower voltage grades available. 1800V product also available -
consult factory. For full description of part number see
"Ordering instructions" on page 3.
Module outline type code: MP03.
See Package Details for furtyher information.
Parameter
Units
175
146
A
A
Conditions
148
A
T
case = 75
oC
T
heatsink = 75
oC
T
heatsink = 85
oC
T
case = 85
oC
T
case = 75
oC
I
T(RMS)
RMS value
A
123
A
275
Mean on-state current
Halfwave, resistive load
Max.
Symbol
I
T(AV)
FEATURES
s Dual Device Module
s Electrically Isolated Package
s Pressure Contact Construction
s International Standard Footprint
s Alumina (non-toxic) Isolation Medium
APPLICATIONS
s Motor Control
s Controlled Rectifier Bridges
s Heater Control
s AC Phase Control
CURRENT RATINGS - PER ARM
PACKAGE OUTLINE
KEY PARAMETERS
V
DRM
1600V
I
TSM
6800A
I
T(AV) (per arm)
175A
V
isol
2500V
CIRCUIT OPTIONS
MP03 XXX 175 Series
Phase Control Dual SCR, SCR/Diode Modules
Replaces December 1998 version, DS5098-3.0
DS5098-4.0 January 2000


Similar Part No. - MP03/175-12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03/130-16 DYNEX-MP03/130-16 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03/130-18 DYNEX-MP03/130-18 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03/130-20 DYNEX-MP03/130-20 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP03/175-12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02X130 DYNEX-MP02X130 Datasheet
127Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02XXX190 DYNEX-MP02XXX190 Datasheet
100Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com