Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP03/175-12 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MP03/175-12
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03/175-12 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button MP03/175-12 Datasheet HTML 2Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 3Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 4Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 5Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 6Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 7Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 8Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 9Page - Dynex Semiconductor MP03/175-12 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP03 XXX 175 Series
6/10
0
50
100
150
Mean on-state current I
T(AV) - (A)
FIG 6 ON STATE POWER LOSS PER ARM
FORWARD CURRENT
300
0
50
100
150
200
250
350
120˚
90˚
60˚
30˚
300
250
200
180˚
d.c.
0
50
100
150
Mean on-state current I
T(AV) - (A)
300
0
50
100
150
200
250
350
120˚
90˚
60˚
30˚
300
250
200
180˚
Fig. 5 On-state power loss per arm vs forward current at various conduction angles, sine wave, 50/60Hz
Fig. 6 On-state power loss per arm vs forward current at various conduction angles, square wave, 50/60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com