Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF016GA5GS-RM Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AP-CF016GA5GS-RM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GA5GS-RM Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AP-CF016GA5GS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
11
© 2009 Apacer Technology Inc.
Rev. 1.1
7. Electrical Specification
7.1 Absolute Maximum Ratings
Caution: Absolute Maximum Ratings – Applied conditions greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum rating conditions
may affect device reliability.
Table 7-1: Absolute maximum ratings
(Based on GND [0V])
Item
Symbol
Rated Value
Unit
Condition
Power supply voltage
VDDIO
-0.5~+4.6
V
VIN(Standard)
-0.5~+4.6
V
VIN < VDDIO+0.5V
Input voltage
VIN(5V-Tolerant)
-0.5~+6.6
(The power is supplied)
V
VIN < VDDIO+3V
±11
mA
3mA buffer
±21
mA
6mA buffer
±29
mA
9mA buffer
Output current
IOUT
±45
mA
12mA buffer
Storage temperature
TSTG
-40~+100
℃
7.2 Recommended Operating Conditions
Table 7-2: Recommended Operating Conditions
Item
Symbol
Rated Value
Unit
Condition
VIN(Standard)
2.7~3.6
V
Input voltage
VIN(5V-Tolerant)
4.5~5.5
V
Operating ambient temperature
TA
-40~+85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com