Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-CF016GA5GS-RM Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AP-CF016GA5GS-RM
Description  Compact Flash 4 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GA5GS-RM Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AP-CF016GA5GS-RM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 17Page - List of Unclassifed Manufacturers AP-CF016GA5GS-RM Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Compact Flash 4 series
AP-CFxxxxA5XS-XXXXXX
13
© 2009 Apacer Technology Inc.
Rev. 1.1
7.6 Power Supply Sequence
The controller is an IC that functions at 3.3V for the I/O power supply. There power supplies will deliver
power to the chip externally, but a through current may occur inside the chip depending on the power-on
and power-off sequence. For this reason, the power supply should be turned on and off simultaneously
for reliability. Refer to figure 7-1.
Turn on condition
Time difference of VDDIO*0 to both VDDIO*0.9 is less than 100[ms].
Turn off condition
Time difference of VDDIO*0.9 to both VDDIO*0.1 is less than 100[ms].
5V tolerant buffer
Before/after power supply is turned on/off, it must not apply 5V voltage.
Figure 7-1 Power ON/OFF Sequence
7.7 Setup Time
Hardware reset time (reset release to a ready state) is less than about 100 [ms] in PC Card/HOST
Memory Bus mode. For IDE mode, it is less than about 450 [ms] when master connection, and is less
than about 250 [ms] when slave connection. Setup time does not depend on the total capacity of
connected flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com