Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5433 Datasheet(PDF) 4 Page - NEC

Part # 2SC5433
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5433 Datasheet(HTML) 4 Page - NEC

  2SC5433 Datasheet HTML 1Page - NEC 2SC5433 Datasheet HTML 2Page - NEC 2SC5433 Datasheet HTML 3Page - NEC 2SC5433 Datasheet HTML 4Page - NEC 2SC5433 Datasheet HTML 5Page - NEC 2SC5433 Datasheet HTML 6Page - NEC 2SC5433 Datasheet HTML 7Page - NEC 2SC5433 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5433
4
Preliminary Data Sheet
2SC5433
S PARAMETER
VCE = 3 V, IC = 10 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.593
–73.5
17.349
130.6
0.036
58.5
0.701
–33.6
400.00
0.470
–115.9
10.897
108.5
0.051
53.7
0.454
–43.4
600.00
0.435
–138.3
7.822
95.9
0.063
55.3
0.348
–47.0
800.00
0.418
–153.3
6.134
89.3
0.075
57.9
0.300
–48.0
1000.00
0.418
–165.0
5.060
84.4
0.087
59.6
0.270
–46.9
1200.00
0.431
–172.7
4.321
79.2
0.100
61.1
0.243
–45.7
1400.00
0.438
–177.4
3.713
73.9
0.115
62.5
0.219
–46.7
1600.00
0.432
176.8
3.234
70.3
0.129
63.8
0.196
–49.6
1800.00
0.438
170.0
2.853
66.8
0.139
65.3
0.179
–53.7
2000.00
0.461
164.5
2.564
63.4
0.150
64.6
0.164
–58.5
2200.00
0.483
161.1
2.350
59.0
0.162
63.6
0.148
–64.3
2400.00
0.499
158.4
2.213
55.1
0.178
62.5
0.134
–73.7
2600.00
0.512
155.5
2.095
52.9
0.195
62.6
0.130
–83.7
2800.00
0.529
152.8
1.922
50.8
0.207
63.5
0.127
–92.6
3000.00
0.547
151.0
1.785
46.8
0.213
63.1
0.125
–101.2
VCE = 3 V, IC = 7 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.673
–61.7
14.941
136.5
0.040
61.6
0.773
–29.2
400.00
0.523
–103.4
10.008
113.4
0.058
51.9
0.527
–41.0
600.00
0.474
–127.5
7.335
99.6
0.070
51.2
0.406
–46.4
800.00
0.444
–144.1
5.814
91.9
0.080
52.6
0.349
–48.3
1000.00
0.435
–157.2
4.839
86.4
0.091
54.3
0.313
–47.9
1200.00
0.444
–166.4
4.135
80.8
0.102
56.2
0.281
–47.0
1400.00
0.450
–172.3
3.562
75.0
0.116
58.0
0.254
–47.9
1600.00
0.442
–178.6
3.109
71.0
0.128
60.2
0.228
–50.6
1800.00
0.445
173.9
2.741
67.5
0.137
62.2
0.211
–54.4
2000.00
0.466
167.7
2.474
63.9
0.146
61.8
0.195
–58.5
2200.00
0.489
163.8
2.266
59.2
0.159
61.1
0.178
–63.8
2400.00
0.505
160.7
2.136
55.1
0.173
60.3
0.164
–72.0
2600.00
0.518
157.7
2.021
53.0
0.190
61.0
0.159
–80.7
2800.00
0.534
154.6
1.855
50.6
0.201
62.2
0.157
–88.3
3000.00
0.551
152.6
1.722
46.5
0.207
61.9
0.153
–95.5
VCE = 3 V, IC = 5 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.759
–50.6
12.082
142.5
0.045
62.8
0.844
–24.2
400.00
0.593
–89.5
8.740
119.7
0.067
51.4
0.615
–36.8
600.00
0.533
–115.2
6.641
104.4
0.080
47.9
0.483
–44.2
800.00
0.487
–132.9
5.367
95.5
0.088
47.5
0.418
–47.3
1000.00
0.467
–147.3
4.496
89.2
0.097
48.2
0.376
–47.5
1200.00
0.468
–158.3
3.871
83.0
0.107
49.6
0.338
–46.9
1400.00
0.473
–165.5
3.337
76.7
0.118
52.2
0.306
–48.2
1600.00
0.462
–172.6
2.925
72.2
0.127
55.0
0.277
–50.6
1800.00
0.460
179.1
2.585
68.2
0.135
57.1
0.258
–54.1
2000.00
0.479
171.9
2.349
64.7
0.142
57.2
0.241
–57.8
2200.00
0.502
167.4
2.139
59.5
0.154
57.4
0.224
–62.4
2400.00
0.518
163.9
2.017
55.1
0.166
57.3
0.209
–69.5
2600.00
0.529
160.4
1.908
52.8
0.182
58.6
0.204
–76.9
2800.00
0.544
157.1
1.752
50.1
0.192
60.3
0.202
–83.4
3000.00
0.562
154.8
1.631
45.8
0.198
60.5
0.195
–89.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com