Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5433 Datasheet(PDF) 6 Page - NEC

Part # 2SC5433
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5433 Datasheet(HTML) 6 Page - NEC

  2SC5433 Datasheet HTML 1Page - NEC 2SC5433 Datasheet HTML 2Page - NEC 2SC5433 Datasheet HTML 3Page - NEC 2SC5433 Datasheet HTML 4Page - NEC 2SC5433 Datasheet HTML 5Page - NEC 2SC5433 Datasheet HTML 6Page - NEC 2SC5433 Datasheet HTML 7Page - NEC 2SC5433 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5433
6
Preliminary Data Sheet
2SC5433
S PARAMETER
VCE = 1 V, IC = 3 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.829
–45.4
8.382
146.5
0.061
64.5
0.878
–23.6
400.00
0.673
–82.9
6.392
123.5
0.097
49.0
0.662
–39.2
600.00
0.619
–109.4
5.005
106.9
0.115
41.6
0.521
–50.1
800.00
0.568
–127.9
4.115
96.8
0.122
38.0
0.444
–56.0
1000.00
0.542
–143.0
3.493
89.2
0.130
36.2
0.387
–58.3
1200.00
0.540
–154.9
3.029
82.2
0.138
36.4
0.340
–59.8
1400.00
0.543
–162.7
2.607
75.3
0.146
38.7
0.301
–63.0
1600.00
0.529
–170.3
2.338
70.4
0.149
41.4
0.271
–67.1
1800.00
0.522
–179.2
2.072
65.8
0.153
43.4
0.251
–71.8
2000.00
0.540
173.2
1.850
61.3
0.156
43.6
0.234
–76.9
2200.00
0.563
168.2
1.692
55.5
0.165
44.5
0.215
–84.6
2400.00
0.577
164.4
1.598
51.0
0.176
45.8
0.209
–93.4
2600.00
0.586
160.6
1.511
48.4
0.188
47.7
0.213
–101.4
2800.00
0.600
157.1
1.382
45.4
0.195
49.7
0.216
–108.0
3000.00
0.616
154.4
1.288
40.7
0.199
50.6
0.217
–114.8
VCE = 1 V, IC = 1 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.947
–26.7
3.453
158.0
0.068
72.9
0.967
–11.9
400.00
0.835
–52.6
2.996
138.7
0.123
57.4
0.863
–22.3
600.00
0.787
–77.5
2.609
121.6
0.161
45.7
0.757
–32.9
800.00
0.738
–95.9
2.363
108.5
0.178
36.8
0.699
–40.9
1000.00
0.692
–112.1
2.118
98.6
0.192
29.0
0.654
–44.9
1200.00
0.656
–126.6
1.853
89.4
0.200
24.3
0.602
–47.4
1400.00
0.648
–138.2
1.663
79.7
0.201
22.9
0.554
–50.7
1600.00
0.629
–148.0
1.528
72.7
0.194
21.7
0.513
–55.0
1800.00
0.603
–158.4
1.385
66.6
0.182
20.6
0.490
–59.6
2000.00
0.606
–169.1
1.247
60.9
0.173
18.5
0.472
–64.2
2200.00
0.629
–176.8
1.156
53.8
0.169
19.6
0.448
–69.6
2400.00
0.643
177.7
1.100
48.3
0.163
22.6
0.437
–77.1
2600.00
0.649
172.8
1.039
45.1
0.159
26.0
0.445
–84.3
2800.00
0.656
167.8
0.945
41.3
0.153
31.0
0.452
–89.8
3000.00
0.672
163.6
0.886
35.9
0.151
35.5
0.444
–95.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com