Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB170NF04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB170NF04
Description  N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB170NF04 Datasheet(HTML) 1 Page - STMicroelectronics

  STB170NF04 Datasheet HTML 1Page - STMicroelectronics STB170NF04 Datasheet HTML 2Page - STMicroelectronics STB170NF04 Datasheet HTML 3Page - STMicroelectronics STB170NF04 Datasheet HTML 4Page - STMicroelectronics STB170NF04 Datasheet HTML 5Page - STMicroelectronics STB170NF04 Datasheet HTML 6Page - STMicroelectronics STB170NF04 Datasheet HTML 7Page - STMicroelectronics STB170NF04 Datasheet HTML 8Page - STMicroelectronics STB170NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
October 2012
Doc ID 15591 Rev 2
1/15
15
STB170NF04
N-channel 40 V, 4.4 m
Ω typ., 80 A STripFET™ II Power MOSFET
in a D2PAK package
Datasheet — production data
Features
■ Standard threshold drive
Applications
■ Automotive switching applications
Description
This N-channel enhancement mode Power
MOSFET benefits from the latest refinement of
STMicroelectronics' unique “single feature size“
strip-based process, which decreases the critical
alignment steps to offer exceptional
manufacturing reproducibility. The result is a
transistor with extremely high packing density for
low on-resistance, rugged avalanche
characteristics and low gate charge.
Figure 1.
Internal schematic diagram
Order code
VDSS @TJ
max.
RDS(on)
max.
ID
PTOT
STB170NF04
40 V
< 5 m
Ω
80 A
300 W
D2PAK
1
3
TAB
, TAB
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB170NF04
B170NF04
D2PAK
Tape and reel
www.st.com


Similar Part No. - STB170NF04

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
STB17-0-0 TEC-STB17-0-0 Datasheet
385Kb / 3P
STD and STB Markers
STB17-0-1 TEC-STB17-0-1 Datasheet
385Kb / 3P
STD and STB Markers
STB17-0-2 TEC-STB17-0-2 Datasheet
385Kb / 3P
STD and STB Markers
STB17-0-3 TEC-STB17-0-3 Datasheet
385Kb / 3P
STD and STB Markers
STB17-0-4 TEC-STB17-0-4 Datasheet
385Kb / 3P
STD and STB Markers
More results

Similar Description - STB170NF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
01-Jul-2008
STB80NF03L-04T4 STMICROELECTRONICS-STB80NF03L-04T4_09 Datasheet
326Kb / 13P
N-channel 30 V, 0.0035 Ω, 80 A D2PAK STripFET™II Power MOSFET
20-Apr-2009
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
24-Mar-2010
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
23-Nov-2012
STP150NF04 STMICROELECTRONICS-STP150NF04 Datasheet
397Kb / 12P
N-channel 40 V, 0.005 Ω typ., 80 A STripFET™ 줚I Power MOSFET in a TO-220 package
04-Oct-2012
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
01-Apr-2016
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
N-channel 40 V, 2.5 mΩ typ., 80 A STripFET™ F6 Power MOSFET in a DPAK package
26-Jul-2016
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
Automotive-grade N-channel 60 V, 4.4 mΩ typ., 80 A STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
21-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com