Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSN3134K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSN3134K
Description  N-Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSN3134K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSN3134K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSN3134K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSN3134K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSN3134K
0.75 A, 20 V, RDS(ON) 380 m
N-Channel Enhancement MOSFET
13-Mar-2014 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low on-resistance
Fast switching speed
Drive circuits can be simple
Parallel use is easy
Low voltage drive makes this device ideal for
portable equipment
APPLICATION
Interfacing
Switching
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-723
8K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±
12
V
Continuous Drain Current
1
ID
0.75
A
Pulsed Drain Current (tp=10μs)
IDM
1.8
A
Total Power Dissipation
1
PD
150
mW
Thermal Resistance Junction-ambient
1
RθJA
833
°C / W
Lead Temperature for Soldering Purposes
(1/8” from case for 10S)
TL
260
°C
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
Surface mounted on FR4 board using the minimum recommended pad size
SOT-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.150
1.250
F
0.170
0.270
B
0.750
0.850
G
0.270
0.370
C
-
0.500
H
0
0.050
D
1.150
1.250
I
-
0.150
E
0.800TYP.
KF
 GATE
 SOURCE
 DRAIN
Top View


Similar Part No. - SSN3134K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSN3134K-C SECOS-SSN3134K-C Datasheet
515Kb / 4P
N-Channel Enhancement MOSFET
SSN3134K SECOS-SSN3134K_15 Datasheet
407Kb / 3P
N-Channel Enhancement MOSFET
More results

Similar Description - SSN3134K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com