Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSN3134K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSN3134K
Description  N-Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSN3134K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSN3134K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSN3134K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSN3134K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSN3134K
0.75 A, 20 V, RDS(ON) 380 m
N-Channel Enhancement MOSFET
13-Mar-2014 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
20
-
-
V
VGS=0, ID=250μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS=20V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±50
μA
VDS=0, VGS=±12V
Gate Threshold Voltage
1
VGS(th)
0.35
-
1
V
VDS= VGS, ID=250μA
-
-
380
VGS=4.5V, ID=0.65A
-
-
450
VGS=2.5V, ID=0.55A
Drain-Source On-Resistance
1
RDS(ON)
-
-
800
mΩ
VGS=1.8V, ID=0.45A
Forward Transconductance
1
gfs
-
1.6
-
S
VDS=10V, ID=0.8A
Diode forward voltage
VSD
-
-
1.2
V
IS=0.15A, VDS=0
Dynamic Characteristics
3
Input Capacitance
Ciss
-
79
-
Output Capacitance
Coss
-
13
-
Reverse Transfer Capacitance
Crss
-
9
-
pF
VDS=16V,
VGS=0,
f=1MHz
Switching Characteristics
3
Turn-On Delay Time
2
Td(on)
-
6.7
-
Rise Time
2
Tr
-
4.8
-
Turn-Off Delay Time
2
Td(off)
-
17.3
-
Fall Time
2
Tf
-
7.4
-
nS
VDS=10V
ID=500mA
VGS=4.5V
RGEN=10Ω
Notes:
1. Pulse Test : Pulse Width=300µs, Duty Cycle=2%.
2. Switching characteristics are independent of operating junction temperatures.
3. Guaranteed by design, not subject to producting.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com